| Zakładka z wyszukiwarką danych komponentów |
|
FP1012V3-R090-R Arkusz danych(PDF) 2 Page - Eaton All Rights Reserved. |
|
|
|||||||||||||||||||||||||||||
FP1012V3-R090-R Arkusz danych(HTML) 2 Page - Eaton All Rights Reserved. |
|
2 / 9 page ![]() 2 Technical Data 10953 Effective December 2020 FP1012V High frequency, high current power inductors www.eaton.com/electronics Product specifications Part number8 OCL1 (nH) ±10% FLL2 (nH) minimum I rms 3 (A) I sat1 4 (A) I sat2 5 (A) I sat3 6 (A) DCR (mΩ) @ +20 °C ±10% K-factor7 V2 version FP1012V2-R070-R 70 50 84 130+ 130+ 130+ 0.125 305 FP1012V2-R080-R 80 57 84 130+ 130+ 125 0.125 305 FP1012V2-R090-R 90 64 84 130+ 117 110 0.125 305 FP1012V2-R100-R 100 72 84 125 105 100 0.125 305 FP1012V2-R120-R 120 86 84 105 88 81 0.125 305 FP1012V2-R150-R 150 108 84 83 70 66 0.125 305 FP1012V2-R330-R 330 231 84 36 28 26 0.125 305 FP1012V2-R470-R 470 (±15%) 329 84 22 19 18 0.125 305 V3 version FP1012V3-R070-R 70 50 84 190 172 160 0.125 305 FP1012V3-R080-R 80 57 84 170 146 132 0.125 305 FP1012V3-R090-R 90 64 84 150 128 121 0.125 305 FP1012V3-R100-R 100 72 84 138 115 110 0.125 305 FP1012V3-R120-R 120 86 84 116 96 89 0.125 305 FP1012V3-R150-R 150 108 84 91 77 72 0.125 305 FP1012V3-R240-R 240 168 84 56 48 45 0.125 305 FP1012V3-R330-R 330 231 84 40 32 30 0.125 305 1. Open circuit inductance (OCL) test parameters: 100 kHz, 0.1 Vrms, 0.0 Adc, +25 °C 2. Full load inductance (FLL) test parameters: 100 kHz, 0.1 Vrms, Isat1, +25 °C 3. Irms: DC current for an approximate temperature rise of 40 °C without core loss. Derating is necessary for AC currents. PCB layout, trace thickness and width, air-flow, and proximity of other heat generating components will affect the temperature rise. It is recommended that the temperature of the part not exceed +125 °C under worst case operating conditions verified in the end application. 4. Isat1 : Peak current for approximately 20% rolloff @ +25 °C 5. Isat2 : Peak current for approximately 20% rolloff @ +100 °C 6. Isat3 : Peak current for approximately 20% rolloff @ +125 °C 7. K-factor: Used to determine Bp-p for core loss (see graph). Bp-p = K * L * ∆I * 10-3. Bp-p:(Gauss), K: (K-factor from table), L: (Inductance in nH), ∆I (Peak to peak ripple current in Amps). 8. Part number definition: FP1012Vx-Rxxx-R FP1012 = Product code and size Vx= Version indicator Rxxx=Inductance value in μH, R=decimal point -R suffix = RoHS compliant |