| Zakładka z wyszukiwarką danych komponentów |
|
BW50RAM Arkusz danych(PDF) 84 Page - Fuji Electric |
|
|
|||||||||||||||||||||||||||||
BW50RAM Arkusz danych(HTML) 84 Page - Fuji Electric |
|
84 / 93 page ![]() 06/84 Fuji Electric FA components & Systems Co., Ltd./D & C Catalog Information subject to change without notice Molded Case Circuit Breakers G-TWIN series External accessories Area in which the hinge with H can be installed H Standard type H MCCB Handle type With the optional shaft (X=154) Mounting screw Mass (kg) BW32 BW50 BW63 BW100 BW125 BW160*2 BW250*2 BZ6V10D BZ6V10D-X BZ6V10D-P BW9V0CA BW9V0GA 105±2 113±2 113±2 105±2 105±2 Optional shaft BZ6VS1D BW9VSG0 250±2 258±2 258±2 250±2 250±2 140 to 250 150 to 258 150 to 258 140 to 250 140 to 250 M4 x 80 Contact FUJI. Contact FUJI. M4 x 85 M4 x 85 0.64 0.64 0.64 0.67 0.67 Notes: • The handle lock bars do not hold the entire door. Obtain a support bracket for the panel separately. • Remove the handle lock bar before opening the door. (Turn the handle in the open direction.) The lock bar will be damaged if the door is opened with force while the lock bar is engaged. • Engage the door interlock securely before turning ON the power. • Not available for side mounting. *1 The Terminal Cover and Handle cannot be attached at the same time for the BW125JAG-2P or BW125RAGU-2P. Select the BW125JAG-3P or BW125RAGU-3P to use a Handle. *2 The terminal cover will cover the mounting screws for the Breaker. When attaching the terminal cover, a portion of the terminal cover will need to be removed. Remove portion A in the following diagram. |