Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32F103ZCT7TR Arkusz danych(PDF) 33 Page - STMicroelectronics

Numer części STM32F103ZCT7TR
Szczegółowy opis  High-density performance line Arm®-based 32-bit MCU with 256 to 512KB Flash, USB, CAN, 11 timers, 3 ADCs, 13 communication interfaces
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103ZCT7TR Arkusz danych(HTML) 33 Page - STMicroelectronics

Back Button STM32F103ZCT7TR Datasheet HTML 29Page - STMicroelectronics STM32F103ZCT7TR Datasheet HTML 30Page - STMicroelectronics STM32F103ZCT7TR Datasheet HTML 31Page - STMicroelectronics STM32F103ZCT7TR Datasheet HTML 32Page - STMicroelectronics STM32F103ZCT7TR Datasheet HTML 33Page - STMicroelectronics STM32F103ZCT7TR Datasheet HTML 34Page - STMicroelectronics STM32F103ZCT7TR Datasheet HTML 35Page - STMicroelectronics STM32F103ZCT7TR Datasheet HTML 36Page - STMicroelectronics STM32F103ZCT7TR Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 143 page
background image
DS5792 Rev 13
33/143
STM32F103xC, STM32F103xD, STM32F103xE
Pinouts and pin descriptions
135
J5
G5
H3 28
37
48
PB2
I/O
FT
PB2/BOOT1
-
-
M5
-
-
-
-
49
PF11
I/O
FT
PF11
FSMC_NIOS16
-
L5
-
-
-
-
50
PF12
I/O
FT
PF12
FSMC_A6
-
H5
-
-
-
-
51
VSS_6
S-
VSS_6
--
G5
-
-
-
-
52
VDD_6
S-
VDD_6
--
K5
-
-
-
-
53
PF13
I/O
FT
PF13
FSMC_A7
-
M6
-
-
-
-
54
PF14
I/O
FT
PF14
FSMC_A8
-
L6
-
-
-
-
55
PF15
I/O
FT
PF15
FSMC_A9
-
K6
-
-
-
-
56
PG0
I/O
FT
PG0
FSMC_A10
-
J6
-
-
-
-
57
PG1
I/O
FT
PG1
FSMC_A11
-
M7
H5
-
-
38
58
PE7
I/O
FT
PE7
FSMC_D4
TIM1_ETR
L7
J5
-
-
39
59
PE8
I/O
FT
PE8
FSMC_D5
TIM1_CH1N
K7
K5
-
-
40
60
PE9
I/O
FT
PE9
FSMC_D6
TIM1_CH1
H6
-
-
-
-
61
VSS_7
S-
VSS_7
--
G6
-
-
-
-
62
VDD_7
S-
VDD_7
--
J7
G6
-
-
41
63
PE10
I/O
FT
PE10
FSMC_D7
TIM1_CH2N
H8
H6
-
-
42
64
PE11
I/O
FT
PE11
FSMC_D8
TIM1_CH2
J8
J6
-
-
43
65
PE12
I/O
FT
PE12
FSMC_D9
TIM1_CH3N
K8
K6
-
-
44
66
PE13
I/O
FT
PE13
FSMC_D10
TIM1_CH3
L8
G7
-
-
45
67
PE14
I/O
FT
PE14
FSMC_D11
TIM1_CH4
M8
H7
-
-
46
68
PE15
I/O
FT
PE15
FSMC_D12
TIM1_BKIN
M9
J7
G3 29
47
69
PB10
I/O
FT
PB10
I2C2_SCL/USART3_TX(9)
TIM2_CH3
M10
K7
F3 30
48
70
PB11
I/O
FT
PB11
I2C2_SDA/USART3_RX(9)
TIM2_CH4
H7
E7
H2 31
49
71
VSS_1
S-
VSS_1
--
G7
F7
H1 32
50
72
VDD_1
S-
VDD_1
--
M11
K8
G2 33
51
73
PB12
I/O
FT
PB12
SPI2_NSS/I2S2_WS/
I2C2_SMBA/
USART3_CK(9)/
TIM1_BKIN(9)
-
M12
J8
G1 34
52
74
PB13
I/O
FT
PB13
SPI2_SCK/I2S2_CK
USART3_CTS(9)/
TIM1_CH1N
-
Table 5. High-density STM32F103xC/D/E pin definitions (continued)
Pins
Pin name
Main
function(3)
(after reset)
Alternate functions(4)
Default
Remap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More