Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

6ES72141AG400XB0 Arkusz danych(PDF) 2 Page - Siemens Semiconductor Group

Numer części 6ES72141AG400XB0
Szczegółowy opis  SIMATIC S7-1200, CPU 1214C, compact CPU, DC/DC/DC, onboard I/O:
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SIEMENS [Siemens Semiconductor Group]
Strona internetowa  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

6ES72141AG400XB0 Arkusz danych(HTML) 2 Page - Siemens Semiconductor Group

  6ES72141AG400XB0 Datasheet HTML 1Page - Siemens Semiconductor Group 6ES72141AG400XB0 Datasheet HTML 2Page - Siemens Semiconductor Group 6ES72141AG400XB0 Datasheet HTML 3Page - Siemens Semiconductor Group 6ES72141AG400XB0 Datasheet HTML 4Page - Siemens Semiconductor Group 6ES72141AG400XB0 Datasheet HTML 5Page - Siemens Semiconductor Group 6ES72141AG400XB0 Datasheet HTML 6Page - Siemens Semiconductor Group 6ES72141AG400XB0 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CPU processing times
for bit operations, typ.
0.08 µs; / instruction
for word operations, typ.
1.7 µs; / instruction
for floating point arithmetic, typ.
2.3 µs; / instruction
CPU-blocks
Number of blocks (total)
DBs, FCs, FBs, counters and timers. The maximum number of
addressable blocks ranges from 1 to 65535. There is no restriction, the
entire working memory can be used
OB
● Number, max.
Limited only by RAM for code
Data areas and their retentivity
Retentive data area (incl. timers, counters, flags), max.
14 kbyte
Flag
● Size, max.
8 kbyte; Size of bit memory address area
Local data
● per priority class, max.
16 kbyte; Priority class 1 (program cycle): 16 KB, priority class 2 to 26: 6
KB
Address area
Process image
● Inputs, adjustable
1 kbyte
● Outputs, adjustable
1 kbyte
Hardware configuration
Number of modules per system, max.
3 comm. modules, 1 signal board, 8 signal modules
Time of day
Clock
● Hardware clock (real-time)
Yes
● Backup time
480 h; Typical
● Deviation per day, max.
±60 s/month at 25 °C
Digital inputs
Number of digital inputs
14; Integrated
● of which inputs usable for technological functions
6; HSC (High Speed Counting)
Source/sink input
Yes
Number of simultaneously controllable inputs
all mounting positions
— up to 40 °C, max.
14
Input voltage
● Rated value (DC)
24 V
● for signal "0"
5 V DC at 1 mA
● for signal "1"
15 V DC at 2.5 mA
Input delay (for rated value of input voltage)
for standard inputs
— parameterizable
0.2 ms, 0.4 ms, 0.8 ms, 1.6 ms, 3.2 ms, 6.4 ms and 12.8 ms, selectable
in groups of four
— at "0" to "1", min.
0.2 ms
— at "0" to "1", max.
12.8 ms
for interrupt inputs
— parameterizable
Yes
for technological functions
— parameterizable
Single phase: 3 @ 100 kHz & 3 @ 30 kHz, differential: 3 @ 80 kHz & 3
@ 30 kHz
Cable length
● shielded, max.
500 m; 50 m for technological functions
● unshielded, max.
300 m; for technological functions: No
Digital outputs
Number of digital outputs
10
● of which high-speed outputs
4; 100 kHz Pulse Train Output
Limitation of inductive shutdown voltage to
L+ (-48 V)
Switching capacity of the outputs
● with resistive load, max.
0.5 A
● on lamp load, max.
5 W
6ES72141AG400XB0
Page 2/7
7/7/2022
Subject to change without notice
© Copyright Siemens



Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com