| Zakładka z wyszukiwarką danych komponentów |
|
BW50RAM-3P032 Arkusz danych(PDF) 83 Page - Fuji Electric |
|
|
|||||||||||||||||||||||||||||
BW50RAM-3P032 Arkusz danych(HTML) 83 Page - Fuji Electric |
|
83 / 93 page ![]() 06/83 06 Fuji Electric FA components & Systems Co., Ltd./D & C Catalog Information subject to change without notice Molded Case Circuit Breakers G-TWIN series External accessories • BZ6V10D • BW9V0CA, BW9V0GA Door panel cutting X Handle C/L 4-ø15 ø90 MCCB Handle C/L 78 Padlock size ø4 to ø8 Panel thickness: 1.2 to 3.2 MCCB handle C/L Line Load Panel Note: Align the center of the hole cut in the panel with the center of the breaker handle. Handle C/L 2P 3P Door hinge installation area Optional shaft BZ6VS1D X = H - 105 Install the door hinge in the shaded area. 113 62 H 38 50 60 200 75 L C L C L C Door panel cutting Shaft Latch (included with the handle) Handle C/L 4-ø15 ø90 MCCB Handle C/L 78 49 Padlock size ø4 to ø8 L C 113 68 L C 65 H Panel thickness: 1.2 to 3.2 MCCB handle C/L MCCB Line Load Panel Note: Align the center of the hole cut in the panel with the center of the breaker handle. Handle C/L 2P 3P 4P Door hinge installation area Optional shaft BW9VSG0 X = H - 95 Install the door hinge in the shaded area. 60 120 120 C/L 60 X n Dimensions, mm V type handle |