| Zakładka z wyszukiwarką danych komponentów |
|
BW50RAM-3P040 Arkusz danych(PDF) 47 Page - Fuji Electric |
|
|
|||||||||||||||||||||||||||||
BW50RAM-3P040 Arkusz danych(HTML) 47 Page - Fuji Electric |
|
47 / 93 page ![]() 06/47 Fuji Electric FA Components & Systems Co., Ltd./D & C Catalog Information subject to change without notice 06 BW63 -3P BW100 -2P BW100 -3P Molded Case Circuit Breakers G-TWIN series Dimensions / Standard n Dimensions, mm Front mounting, rear connection (type X) Mounting hole Trip button M4 or ø5 ø22 Panel drilling Terminal cover Terminal cover Pannel ø6.5 (M6 x 18 bolt) Note: Ex-works, studs are mounted on the MCCB unit as shown in the figure for side view. •Studs for line side terminal : Mounted horizontally. •Studs for load-side terminal : Mounted vertically. Each stud can be turned by 90˚. 2-pole breaker is supplied in 3-pole frame with current carrying parts omitted from center pole. 72 75 CL CL 50.5 59 68 8 4 92 CL ON 25 50 MCCB CL CL 14 25 25 CL Mounting hole Trip button M4 or ø5 ø22 MCCB Panel drilling Terminal cover Terminal cover Pannel ø6.5 (M6 x 18 bolt) Note: Ex-works, studs are mounted on the MCCB unit as shown in the figure for side view. •Studs for line side terminal : Mounted horizontally. •Studs for load-side terminal : Mounted vertically. Each stud can be turned by 90˚. CL CL 25 47.5 CL CL 50 CL 25 14 50.5 59 68 8 4 92 CL ON Mounting hole Trip button M4 or ø5 ø22 Panel drilling Terminal cover Terminal cover Pannel ø6.5 (M6 x 18 bolt) Note: Ex-works, studs are mounted on the MCCB unit as shown in the figure for side view. •Studs for line side terminal : Mounted horizontally. •Studs for load-side terminal : Mounted vertically. Each stud can be turned by 90˚. 2-pole breaker is supplied in 3-pole frame with current carrying parts omitted from center pole. 72 75 CL CL 50.5 59 68 8 4 92 CL ON 25 50 MCCB CL CL 14 25 25 CL |