Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SFP740 Arkusz danych(PDF) 5 Page - SemiWell Semiconductor

Numer części SFP740
Szczegółowy opis  N-Channel MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SEMIWELL [SemiWell Semiconductor]
Strona internetowa  http://www.semiwellsemi.co.kr
Logo SEMIWELL - SemiWell Semiconductor

SFP740 Arkusz danych(HTML) 5 Page - SemiWell Semiconductor

  SFP740 Datasheet HTML 1Page - SemiWell Semiconductor SFP740 Datasheet HTML 2Page - SemiWell Semiconductor SFP740 Datasheet HTML 3Page - SemiWell Semiconductor SFP740 Datasheet HTML 4Page - SemiWell Semiconductor SFP740 Datasheet HTML 5Page - SemiWell Semiconductor SFP740 Datasheet HTML 6Page - SemiWell Semiconductor SFP740 Datasheet HTML 7Page - SemiWell Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5/7
Fig 13. Switching Time Test Circuit & Waveforms
Fig 14. Unclamped Inductive Switching Test Circuit & Waveforms
SFP740
Fig. 12. Gate Charge Test Circuit & Waveforms
EAS =LL IAS2
----
2
1
--------------------
BVDSS -- VDD
BVDSS
EAS =LL IAS2
----
2
1
EAS =LL IAS2
----
2
1
----
2
1
--------------------
BVDSS -- VDD
BVDSS
VDD
VDS
BVDSS
t
p
VDD
IAS
VDS (t)
ID (t)
Time
BVDSS
t
p
VDD
IAS
VDS (t)
ID (t)
Time
10V
DUT
RG
LL
I D
I D
Charge
VGS
10V
Qg
Qgs
Qgd
1mA
VGS
DUT
VDS
300nF
50KΩ
200nF
12V
Same Type
as DUT
Charge
VGS
10V
Qg
Qgs
Qgd
Charge
VGS
10V
Qg
Qgs
Qgd
1mA
VGS
DUT
VDS
300nF
50KΩ
200nF
12V
Same Type
as DUT
Vin
VDS
10%
90%
t
d(on)
t
r
t
on
t
off
t
d(off)
t
f
VDD
( 0.5 rated VDS )
10V
VDS
RL
DUT
Pulse
Generator
Vin
VDS
10%
90%
t
d(on)
t
r
t
on
t
off
t
d(off)
t
f
Vin
VDS
10%
90%
t
d(on)
t
r
t
on
t
off
t
d(off)
t
f
VDD
( 0.5 rated VDS )
V
VDS
RL
DUT
Pulse
Generator
RG
Vin
VDS
10%
90%
t
d(on)
t
r
t
on
t
off
t
d(off)
t
f
Vin
VDS
10%
90%
t
d(on)
t
r
t
on
t
off
t
d(off)
t
f
VDD
( 0.5 rated VDS )
10V
VDS
RL
DUT
Pulse
Generator
Vin
VDS
10%
90%
t
d(on)
t
r
t
on
t
off
t
d(off)
t
f
Vin
VDS
10%
90%
t
d(on)
t
r
t
on
t
off
t
d(off)
t
f
VDD
( 0.5 rated VDS )
V
VDS
RL
DUT
Pulse
Generator
RG



Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com