| Zakładka z wyszukiwarką danych komponentów |
|
SH79F024XU Arkusz danych(PDF) 80 Page - SINOWEALTH Electronic Ltd |
|
|
|||||||||||||||||||||||||||||
SH79F024XU Arkusz danych(HTML) 80 Page - SINOWEALTH Electronic Ltd |
|
80 / 92 page ![]() SH79F SH79F SH79F SH79F082 082 082 082 80 9. 9. 9. 9. Instruction Instruction Instruction Instruction Set Set Set Set ARITHMETIC ARITHMETIC ARITHMETIC ARITHMETIC OPERATIONS OPERATIONS OPERATIONS OPERATIONS Opcode Opcode Opcode Opcode Description Description Description Description Code Code Code Code B B B Byte yte yte yte Cycle Cycle Cycle Cycle ADD A, Rn Add register to accumulator 0x28-0x2F 1 1 ADD A, direct Add direct byte to accumulator 0x25 2 2 ADD A, @Ri Add indirect RAM to accumulator 0x26-0x27 1 2 ADD A, #data Add immediate data to accumulator 0x24 2 2 ADDC A, Rn Add register to accumulator with carry flag 0x38-0x3F 1 1 ADDC A, direct Add direct byte to A with carry flag 0x35 2 2 ADDC A, @Ri Add indirect RAM to A with carry flag 0x36-0x37 1 2 ADDC A, #data Add immediate data to A with carry flag 0x34 2 2 SUBB A, Rn Subtract register from A with borrow 0x98-0x9F 1 1 SUBB A, direct Subtract direct byte from A with borrow 0x95 2 2 SUBB A, @Ri Subtract indirect RAM from A with borrow 0x96-0x97 1 2 SUBB A, #data Subtract immediate data from A with borrow 0x94 2 2 INC A Increment accumulator 0x04 1 1 INC Rn Increment register 0x08-0x0F 1 2 INC direct Increment direct byte 0x05 2 3 INC @Ri Increment indirect RAM 0x06-0x07 1 3 DEC A Decrement accumulator 0x14 1 1 DEC Rn Decrement register 0x18-0x1F 1 2 DEC direct Decrement direct byte 0x15 2 3 DEC @Ri Decrement indirect RAM 0x16-0x17 1 3 INC DPTR Increment data pointer 0xA3 1 4 MUL AB 8 X 8 16 X 8 Multiply A and B 0xA4 1 11 20 DIV AB 8 / 8 16 / 8 Divide A by B 0x84 1 11 20 DA A Decimal adjust accumulator 0xD4 1 1 |