Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LPS22CH Arkusz danych(PDF) 16 Page - STMicroelectronics

Numer części LPS22CH
Szczegółowy opis  High-performance MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS22CH Arkusz danych(HTML) 16 Page - STMicroelectronics

Back Button LPS22CH Datasheet HTML 12Page - STMicroelectronics LPS22CH Datasheet HTML 13Page - STMicroelectronics LPS22CH Datasheet HTML 14Page - STMicroelectronics LPS22CH Datasheet HTML 15Page - STMicroelectronics LPS22CH Datasheet HTML 16Page - STMicroelectronics LPS22CH Datasheet HTML 17Page - STMicroelectronics LPS22CH Datasheet HTML 18Page - STMicroelectronics LPS22CH Datasheet HTML 19Page - STMicroelectronics LPS22CH Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 55 page
background image
Functionality
LPS22CH
16/55
DocID033100 Rev 2
4.5
Interpreting temperature readings
The temperature data are stored in 2 registers: TEMP_OUT_H (2Ch) and TEMP_OUT_L
(2Bh).
The value is expressed as 2’s complement. To obtain the temperature in °C, take the two’s
complement of the complete 16-bit word and then divide by the sensitivity 100 LSB/°C. This
same interpretation is applied to temperature readings when FIFO is enabled and the
temperature data are stored in 2 registers: FIFO_DATA_OUT_TEMP_H (7Ch) and
FIFO_DATA_OUT_TEMP_L (7Bh).
Figure 7. Temperature readings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55