Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LPS22DF Arkusz danych(PDF) 13 Page - STMicroelectronics

Numer części LPS22DF
Szczegółowy opis  Low-power and high-precision MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS22DF Arkusz danych(HTML) 13 Page - STMicroelectronics

Back Button LPS22DF Datasheet HTML 9Page - STMicroelectronics LPS22DF Datasheet HTML 10Page - STMicroelectronics LPS22DF Datasheet HTML 11Page - STMicroelectronics LPS22DF Datasheet HTML 12Page - STMicroelectronics LPS22DF Datasheet HTML 13Page - STMicroelectronics LPS22DF Datasheet HTML 14Page - STMicroelectronics LPS22DF Datasheet HTML 15Page - STMicroelectronics LPS22DF Datasheet HTML 16Page - STMicroelectronics LPS22DF Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
5.1
Bypass mode
In Bypass mode (FIFO_CTRL (14h)(TRIG_MODES and F_MODE[1:0] = ‘000’ or ‘100’), the FIFO is not
operational and it remains empty.
Switching to Bypass mode is also used to reset the FIFO. Passing through Bypass mode is mandatory when
switching between different FIFO buffer operating modes.
As described in the next figure, for each channel only the first address is used. When new data is available, the
older data is overwritten.
Figure 8. Bypass mode
P1
P2
Pi
empty
P0
P127
LPS22DF
Bypass mode
DS13316 - Rev 1
page 13/54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54