| Zakładka z wyszukiwarką danych komponentów |
|
R05-R5M Arkusz danych(PDF) 2 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
R05-R5M Arkusz danych(HTML) 2 Page - List of Unclassifed Manufacturers |
|
2 / 2 page ![]() ■ Part Numbering System ■ Insert Arrangement A B B A C A B C D E A F B E C D H D A BF G E C A C D G H L B E F J K M Insert 6 Insert 9 Insert 12 ■ Mounting Hole Dimensions B C B Style 1 Style 2 Insert Size Style φA B 6 1 9.2 8.4 9 12.2 11.2 12 16.2 14.7 Insert Size Style φA B C 6 2 9.2 10.5 φ2.2 9 12.2 13.0 φ2.2 12 16.2 17.0 φ2.2 Bulkhead Mount Receptacle Flange Mount Receptacle * Drawings above are ones viewed from the rear side of pin insulators. (pin contacts) TAJIMI ELECTRONICS CO., LTD. Miniature Circular Connectors Specifications R03 series / R05 series / R27 series / R29 series / PRC05 series / PRC07 series R 0 3 - P B 5 M Contact Style Number of Pins Connector Configuration Series M : Male F : Female PB : Plug (Normal Clamp Type) P : Plug (Screw Clamp Type) JB : Jack (Normal Clamp Type) J : Jack (Screw Clamp Type) RB : Flange Mount Receptacle R : Bulkhead Mount Receptacle R03 R05 R27 R29 PRC05 PRC07 * R27, R29 and PRC07 are not available in insert size 12. * R27, R29 and PRC07 are not available in insert size 12. Series R03, R05, PRC05 R27, R29, PR07 Insert Size 6 9 12 6 9 Number of Contacts 2 3 5 6 8 12 8 12 Withstanding Voltage (V RMS) 900 900 500 900 700 900 300 Voltage Rating (V RMS) 300 300 150 300 200 300 100 Current Rating (A) 2 Applicable Wire Size AWG#24 (0.2mm2 Max.) AWG#26 (0.1mm2 Max.) Contact Resistance 8m Ω min. 10m Ω min. Insulation Resistance DC500V 1000M Ω min. DC100V 1000M Ω min. 28 28 28 28 28 ■ Electrical Specifications |