| Zakładka z wyszukiwarką danych komponentów |
|
NL-AB-RPI Arkusz danych(PDF) 10 Page - NimbeLink Corp. |
|
|
|||||||||||||||||||||||||||||
NL-AB-RPI Arkusz danych(HTML) 10 Page - NimbeLink Corp. |
|
10 / 10 page ![]() 2.8.4 Device Tree Overlay The adapters onboard EEPROM contains information that will automatically configure the Raspberry Pi's device tree to enable the adapters required pins. The device tree will automatically configure the following: Pin Configuration Use I/O Initialized Value Comments GPIO04 Input Sky_PWR_EN I Default See Note 3 GPIO07 Input EEPROM_WP I Default See Note 3 GPIO14 ALT0 UART TXD O Default GPIO15 ALT0 UART RXD I Default GPIO16 ALT3 UART CTS I Default GPIO17 ALT3 UART RTS O Default GPIO18 Input Sky_PWR_PG I Default See Note 3 GPIO24 Input Sky_On_Off I Default See Note 3 GPIO25 Output Sky_Reset O Down GPIO27 Output Sky_DTR O Down *Note 3: This signal is configured as an input to allow the default hardware pullup/pulldowns on the adapter to drive the signal. If users wish to manipulate these signals they will need to initialize the pin to their prefered settings. PN 1001465 rev 2 NimbeLink Corp. 2020. All Rights Reserved. 10 |