Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

VTOF70 Arkusz danych(PDF) 1 Page - IXYS Corporation

Numer części VTOF70
Szczegółowy opis  Three Phase Rectifier Bridge
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IXYS [IXYS Corporation]
Strona internetowa  http://www.ixys.com
Logo IXYS - IXYS Corporation

VTOF70 Arkusz danych(HTML) 1 Page - IXYS Corporation

  VTOF70 Datasheet HTML 1Page - IXYS Corporation VTOF70 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 1999 IXYS All rights reserved
F2 - 51
F2
Features
Package with copper base plate
Isolation voltage 3000 V~
Planar passivated chips
Low forward voltage drop
¼" fast-on power terminals
Applications
Supplies for DC power equipment
Input rectifiers for PWM inverter
Battery DC power supplies
Field supply for DC motors
Advantages
Easy to mount with two screws
Space and weight savings
Improved temperature and power
cycling capability
Small and light weight
Dimensions in mm (1 mm = 0.0394")
Data according to IEC 60747 refer to a single diode/thyristor unless otherwise stated
¬ for resistive load at bridge output. IXYS reserves the right to change limits, test conditions and
dimensions.
V
RSM
V
RRM
Type
V
DSM
V
DRM
VV
800
800
xxx 70-08io7
1200
1200
xxx 70-12io7
1400
1400
xxx 70-14io7
1600
1600
xxx 70-16io7
xxx = type
IdAV = 70 A
VRRM = 800-1600 V
Symbol
Test Conditions
Maximum Ratings
I
dAV ¬
T
K = 85°C, module
70
A
I
dAVM ¬
module
70
A
I
FRMS, ITRMS
per leg
36
A
I
FSM, ITSM
T
VJ = 45°C;
t = 10 ms (50 Hz), sine
550
A
V
R = 0 V
t = 8.3 ms (60 Hz), sine
600
A
T
VJ = TVJM
t = 10 ms (50 Hz), sine
500
A
V
R = 0 V
t = 8.3 ms (60 Hz), sine
550
A
I2t
T
VJ = 45°C
t = 10 ms (50 Hz), sine
1520
A2s
V
R = 0 V
t = 8.3 ms (60 Hz), sine
1520
A2s
T
VJ = TVJM
t = 10 ms (50 Hz), sine
1250
A2s
V
R = 0 V
t = 8.3 ms (60 Hz), sine
1250
A2s
(di/dt)
cr
T
VJ = 125°C
repetitive, I
T = 50 A
150
A/µs
f = 50 Hz, t
P = 200 µs
V
D = 2/3 VDRM
I
G = 0.3 A,
non repetitive, I
T = 1/2 • IdAV
500
A/µs
di
G/dt = 0.3 A/µs
(dv/dt)
cr
T
VJ = TVJM; VDR = 2/3 VDRM
1000
V/µs
R
GK = ∞; method 1 (linear voltage rise)
V
RGM
10
V
P
GM
T
VJ = TVJM
t
p =
30 µs
≤
10
W
I
T = ITAVM
t
p =
500 µs
≤
5W
t
p =
10 ms
≤
1W
P
GAVM
0.5
W
T
VJ
-40...+125
°C
T
VJM
125
°C
T
stg
-40...+125
°C
V
ISOL
50/60 Hz, RMS
t = 1 min
2500
V~
I
ISOL ≤ 1 mA
t = 1 s
3000
V~
M
d
Mounting torque
(M5)
5 ± 15 %
Nm
(10-32 UNF)
44 ± 15 %
lb.in.
Weight
50
g
Preliminary data
VVZ 70
VVZF 70
VTO 70
VTOF 70
Three Phase
Rectifier Bridge
C
D
E
A
2
3
B
1
5
4
6
VTOF 70
C
D
E
A
2
3
B
1
5
4
6
VTO 70
VVZ 70
C
D
E
A
2
3
B
1
A
C
D
E
2
3
B
1
VVZF 70


Podobny numer części - VTOF70

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Agilent(Hewlett-Packard...
VTO-8000 HP-VTO-8000 Datasheet
918Kb / 7P
Varactor-Tuned Oscillators
VTO-8060 HP-VTO-8060 Datasheet
918Kb / 7P
Varactor-Tuned Oscillators
VTO-8080 HP-VTO-8080 Datasheet
918Kb / 7P
Varactor-Tuned Oscillators
VTO-8090 HP-VTO-8090 Datasheet
918Kb / 7P
Varactor-Tuned Oscillators
VTO-8150 HP-VTO-8150 Datasheet
918Kb / 7P
Varactor-Tuned Oscillators
More results

Podobny opis - VTOF70

ProducentNumer częściArkusz danychSzczegółowy opis
logo
IXYS Corporation
VUO34-08NO1 IXYS-VUO34-08NO1 Datasheet
51Kb / 2P
Three Phase Rectifier Bridge
VUO160 IXYS-VUO160 Datasheet
30Kb / 1P
Three Phase Rectifier Bridge
VTO39 IXYS-VTO39 Datasheet
53Kb / 2P
Three Phase Rectifier Bridge
VUO5012N03 IXYS-VUO5012N03 Datasheet
77Kb / 2P
Three Phase Rectifier Bridge
logo
Powersem GmbH
PSD43F06 POWERSEM-PSD43F06 Datasheet
160Kb / 1P
Three Phase Rectifier Bridge
PSD43F12 POWERSEM-PSD43F12 Datasheet
160Kb / 1P
Three Phase Rectifier Bridge
logo
IXYS Corporation
VUO25-08NO8 IXYS-VUO25-08NO8 Datasheet
145Kb / 2P
Three Phase Rectifier Bridge
logo
Solid States Devices, I...
RA0036A SSDI-RA0036A Datasheet
100Kb / 1P
THREE PHASE BRIDGE RECTIFIER
RA0082 SSDI-RA0082 Datasheet
147Kb / 1P
THREE PHASE BRIDGE RECTIFIER
logo
IXYS Corporation
VUO122-18NO7 IXYS-VUO122-18NO7 Datasheet
106Kb / 1P
Three Phase Rectifier Bridge
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com