Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM324K Arkusz danych(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Numer części LM324K
Szczegółowy opis  LMx24, LMx24x, LMx24xx, LM2902, LM2902x, LM2902xx, LM2902xxx Quadruple Operational Amplifiers
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

LM324K Arkusz danych(HTML) 16 Page - Texas Instruments

Back Button LM324K Datasheet HTML 12Page - Texas Instruments LM324K Datasheet HTML 13Page - Texas Instruments LM324K Datasheet HTML 14Page - Texas Instruments LM324K Datasheet HTML 15Page - Texas Instruments LM324K Datasheet HTML 16Page - Texas Instruments LM324K Datasheet HTML 17Page - Texas Instruments LM324K Datasheet HTML 18Page - Texas Instruments LM324K Datasheet HTML 19Page - Texas Instruments LM324K Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 53 page
background image
6.11 Typical Characteristics (continued)
This typical characteristics section is applicable for LM324B and LM2902B. Typical characteristics data in this section was
taken with TA = 25°C, VS = 36 V (±18 V), VCM = VS / 2, RLOAD = 10 kΩ connected to VS / 2 (unless otherwise noted).
G = –1, f = 1 kHz, BW = 80 kHz,
VOUT = 10 VPP, RL connected to V–
See Section 7
Figure 6-13. THD+N Ratio vs Frequency, G = –1
G = 1, f = 1 kHz, BW = 80 kHz,
RL connected to V–
Figure 6-14. THD+N vs Output Amplitude, G = 1
G = –1, f = 1 kHz, BW = 80 kHz,
RL connected to V–
See Section 7
Figure 6-15. THD+N vs Output Amplitude, G = –1
Supply Voltage (V)
3
6
9
12
15
18
21
24
27
30
33
36
100
200
300
400
500
600
-40°C
25°C
125°C
Figure 6-16. Quiescent Current vs Supply Voltage
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
150
200
250
300
350
400
450
500
550
600
650
VS = 5 V
VS = 36 V
Figure 6-17. Quiescent Current vs Temperature
Frequency (Hz)
10
20
30
50
100
200
300
500
1000
2000
3000
5000
10000
1k
10k
100k
1M
10M
IOUT = 0 mA
IOUT = 5 mA
Figure 6-18. Open-Loop Output Impedance vs Frequency
LM124, LM124A, LM224, LM224A, LM224K, LM224KA
LM324, LM324A, LM324B, LM324K, LM324KA
LM2902, LM2902B, LM2902K, LM2902KV, LM2902KAV
SLOS066Y – SEPTEMBER 1975 – REVISED OCTOBER 2022
www.ti.com
16
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LM124 LM124A LM224 LM224A LM224K LM224KA LM324 LM324A LM324B LM324K
LM324KA LM2902 LM2902B LM2902K LM2902KV LM2902KAV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com