| Zakładka z wyszukiwarką danych komponentów |
|
CSS2010 Arkusz danych(PDF) 4 Page - Stackpole Electronics, Inc. |
|
|
|||||||||||||||||||||||||||||
CSS2010 Arkusz danych(HTML) 4 Page - Stackpole Electronics, Inc. |
|
4 / 13 page ![]() Rev Date: 7/29/2022 4 www.seielect.com This specification may be changed at any time without prior notice. marketing@seielect.com Please confirm technical specifications before you order and/or use. CSS / CSSH Series Ultra-precision Metal Alloy Current Sensing Chip Resistor Stackpole Electronics, Inc. Resistive Product Solutions Performance Characteristics Mechanical Specifications (4527) Mechanical Specifications (1206 – 3637) (cont.) Test Test Method Test Specification Test Condition R1: resistance of room temperature (T1) R2: resistance of 125ºC (T2) Temperature Coefficient of Resistance (TCR) JIS-C-5201-1 4.8 Per specification (refer to Electrical Specification table) TCR (ppm/ºC) (R2 - R1) R1 (T2 - T1) X 10 6 = 0.137 ± 0.010 inches 3.47 ± 0.25 mm 0.450 ± 0.010 0.270 ± 0.010 0.059 ± 0.010 0.038 ± 0.010 0.127 ± 0.010 inches 11.43 ± 0.25 6.85 ± 0.25 1.50 ± 0.25 0.97 ± 0.25 3.22 ± 0.25 mm 0.127 ± 0.010 inches 3.22 ± 0.25 mm 0.072 ± 0.010 inches 1.82 ± 0.25 mm T2 Bottom Termination Unit Type/Code Maximum Power Rating (W) Resistance Range (Ω) L W H T1 Top Termination CSS4527 5 0.0005 0.0051 - 0.1 0.0006 - 0.003 0.004 - 0.005 0.039 ± 0.010 0.085 ± 0.010 0.085 ± 0.010 inches 0.99 ± 0.25 2.16 ± 0.25 2.16 ± 0.25 mm 0.039 ± 0.010 0.059 ± 0.010 0.059 ± 0.010 inches 0.99 ± 0.25 1.50 ± 0.25 1.50 ± 0.25 mm 0.043 ± 0.010 0.085 ± 0.010 0.085 ± 0.010 inches 1.09 ± 0.25 2.16 ± 0.25 2.16 ± 0.25 mm 0.268 ± 0.010 0.254 ± 0.010 0.039 ± 0.010 0.085 ± 0.010 0.085 ± 0.010 inches 6.81 ± 0.25 6.45 ± 0.25 0.99 ± 0.25 2.16 ± 0.25 2.16 ± 0.25 mm 0.071 ± 0.010 0.071 ± 0.010 inches 1.80 ± 0.25 1.80 ± 0.25 mm 0.035 ± 0.010 0.065 ± 0.010 0.065 ± 0.010 inches 0.89 ± 0.25 1.65 ± 0.25 1.65 ± 0.25 mm 0.051 ± 0.010 0.051 ± 0.010 inches 1.30 ± 0.25 1.30 ± 0.25 mm 0.264 ± 0.010 0.283 ± 0.010 0.039 ± 0.010 0.045 ± 0.010 0.045 ± 0.010 inches 6.71 ± 0.25 7.19 ± 0.25 0.99 ± 0.25 1.14 ± 0.25 1.14 ± 0.25 mm 0.264 ± 0.010 0.283 ± 0.010 0.039 ± 0.010 0.045 ± 0.010 0.045 ± 0.010 inches 6.71 ± 0.25 7.19 ± 0.25 0.99 ± 0.25 1.14 ± 0.25 1.14 ± 0.25 mm 0.360 ± 0.010 0.378 ± 0.010 0.029 ± 0.010 0.091 ± 0.010 0.091 ± 0.010 inches 9.14 ± 0.25 9.60 ± 0.25 0.73 ± 0.25 2.30 ± 0.25 2.30 ± 0.25 mm 0.0015 0.002 0.0025 0.003 0.00075 Unit L W H T1 Top Termination T2 Bottom Termination 0.0003 CSSH3637 7 Type/Code Maximum Power Rating (W) Resistance Range (Ω) CSSH2728 4 0.004 - 0.1 0.0002, 0.00025, 0.0005 CSS2728 3 0.004 - 0.1 CSS2725 4 0.001 |