| Zakładka z wyszukiwarką danych komponentów |
|
MLFA Arkusz danych(PDF) 3 Page - Stackpole Electronics, Inc. |
|
|
|||||||||||||||||||||||||||||
MLFA Arkusz danych(HTML) 3 Page - Stackpole Electronics, Inc. |
|
3 / 12 page ![]() Rev Date: 7/29/2022 3 www.seielect.com This specification may be changed at any time without prior notice marketing@seielect.com Please confirm technical specifications before you order and/or use. MLFA Series Metal Film Melf Resistor – AEC-Q200 Qualified Stackpole Electronics, Inc. Resistive Product Solutions Power Derating Curve: Hot Spot Temperature: Reel Specifications Type/Code Reel Diameter Unit 0.276 7.028 ± 0.059 2.362 ± 0.039 0.512 ± 0.008 0.354 ± 0.020 0.492 ± 0.020 inches 7.00 178.50 ± 1.50 60.00 ± 1.00 13.00 ± 0.20 9.00 ± 0.50 12.50 ± 0.50 mm 0.276 7.028 ± 0.059 2.362 ± 0.039 0.512 ± 0.008 0.354 ± 0.020 0.492 ± 0.020 inches 7.00 178.50 ± 1.50 60.00 ± 1.00 13.00 ± 0.20 9.00 ± 0.50 12.50 ± 0.50 mm 0.276 7.028 ± 0.059 2.362 ± 0.039 0.512 ± 0.020 0.512 ± 0.020 0.610 ± 0.020 inches 7.00 178.50 ± 1.50 60.00 ± 1.00 13.00 ± 0.50 13.00 ± 0.50 15.50 ± 0.50 mm øB øC W T MLFA1 øA MLFA13 MLFA25 |