Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

L9908 Arkusz danych(PDF) 37 Page - STMicroelectronics

Numer części L9908
Szczegółowy opis  Automotive 3-Phase motor gate driver unit
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908 Arkusz danych(HTML) 37 Page - STMicroelectronics

Back Button L9908 Datasheet HTML 33Page - STMicroelectronics L9908 Datasheet HTML 34Page - STMicroelectronics L9908 Datasheet HTML 35Page - STMicroelectronics L9908 Datasheet HTML 36Page - STMicroelectronics L9908 Datasheet HTML 37Page - STMicroelectronics L9908 Datasheet HTML 38Page - STMicroelectronics L9908 Datasheet HTML 39Page - STMicroelectronics L9908 Datasheet HTML 40Page - STMicroelectronics L9908 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 153 page
background image
Disable logic reacts disabling all the three half bridges in a tristate mode so that VGHS_n-VSHS_n = 0 V and
VGLS_n-VSLSn = 0 V [n = 1, 2, 3]. State machine remains in NORMAL mode (SPI configuration bit HBn_DIS
remains set as previously configured).
Safe condition is left when all the following conditions are met in the following sequence:
1.
Autoretry fault is removed;
2.
Autoretry fault flag is cleared on read (action required by Application SW)
3.
SPI bit HBn_ACK [n = 1,2,3] is set ‘0’ and then set back to ‘1’ (action required by Application SW).
Figure 17. Auto-retry faults - Transient fault timing diagram
Figure 18. Auto-retry faults - Permanent fault timing diagram
L9908
Fault Handling Management (FHM)
DS13546 - Rev 3
page 37/153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More