Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MGM3JB1M00 Arkusz danych(PDF) 6 Page - Stackpole Electronics, Inc.

Numer części MGM3JB1M00
Szczegółowy opis  High Voltage Metal Glaze Resistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SEI [Stackpole Electronics, Inc.]
Strona internetowa  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

MGM3JB1M00 Arkusz danych(HTML) 6 Page - Stackpole Electronics, Inc.

  MGM3JB1M00 Datasheet HTML 1Page - Stackpole Electronics, Inc. MGM3JB1M00 Datasheet HTML 2Page - Stackpole Electronics, Inc. MGM3JB1M00 Datasheet HTML 3Page - Stackpole Electronics, Inc. MGM3JB1M00 Datasheet HTML 4Page - Stackpole Electronics, Inc. MGM3JB1M00 Datasheet HTML 5Page - Stackpole Electronics, Inc. MGM3JB1M00 Datasheet HTML 6Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Rev Date: 5/4/2022
6
www.seielect.com
This specification may be changed at any time without prior notice
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
MG / MGM / MGE / MGME Series
High Voltage Metal Glaze Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
1
2
3
4
5
6
7
8
9
10
M
G
1
2
J
T
1
0
0
K
“Conflict Metals” Commitment
We at Stackpole E
lectronics, Inc. are joined with our industry in opposing the use of metals mined in the “conflict region” of the eastern
Democratic Republic of the Congo (DRC) in our products. Recognizing that the supply chain for metals used in the electronics industry
is very complex, we work closely with our own suppliers to verify to the extent possible that the materials and products we supply do
not contain metals sourced from this conflict region. As such, we are in compliance with the requirements of Dodd-Frank Act regarding
Conflict Minerals.
Compliance to “REACH”
We certify that all passive components supplied by Stackpole Electronics, Inc. are SVHC (Substances of Very High Concern) free and
compliant with the requirements of EU Directive 1907/2006/EC, “The Registration, Evaluation, Authorization and Restriction of
Chemicals”, otherwise referred to as REACH. Contact us for complete list of REACH Substance Candidate List.
Environmental Policy
It is the policy of Stackpole Electronics, Inc. (SEI) to protect the environment in all localities in which we operate. We continually strive
to improve our effect on the environment. We observe all applicable laws and regulations regarding the protection of our environment
and all requests related to the environment to which we have agreed. We are committed to the prevention of all forms of pollution.
How to Order
Resistance Value
Code
Description
Code
W
Code
Tol
Value
Code
Description
Size
Quantity
14
0.25
F
1%
MG14, MGM12
5000
12
0.5
J
5%
MG12, MGM1
3000
1
1
K
10%
MG1, MGM2
2000
2
2
MG2, MGM3
1000
1 Kohm = 1K00
3
3
MG14, MGM12
5000
1 Mohm = 1M00
MG12, MG1, MG2
1 Gohm = 1G00
Only up to 2W
MGM1, MGM2, MGM3
B
Bulk
all sizes
1000
MGME
Mini Size
Epoxy Coating
MGM
Mini Size
Silicone Coating
Standard Size
Silicone Coating
Standard Size
Epoxy Coating
MG
MGE
Packaging
A
Tolerance
Four characters with
the multiplier used as
the decimal holder.
Size
Product Series
1000
Ammo
E24
T
Tape and Reel



Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com