Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TL431ACLP Arkusz danych(PDF) 51 Page - Texas Instruments

Click here to check the latest version.
Numer części TL431ACLP
Szczegółowy opis  TL431, TL432 Precision Programmable Reference
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TL431ACLP Arkusz danych(HTML) 51 Page - Texas Instruments

Back Button TL431ACLP Datasheet HTML 47Page - Texas Instruments TL431ACLP Datasheet HTML 48Page - Texas Instruments TL431ACLP Datasheet HTML 49Page - Texas Instruments TL431ACLP Datasheet HTML 50Page - Texas Instruments TL431ACLP Datasheet HTML 51Page - Texas Instruments TL431ACLP Datasheet HTML 52Page - Texas Instruments TL431ACLP Datasheet HTML 53Page - Texas Instruments TL431ACLP Datasheet HTML 54Page - Texas Instruments TL431ACLP Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 83 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
15-Oct-2022
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
TL432BCDBZT
SOT-23
DBZ
3
250
178.0
9.0
3.15
2.77
1.22
4.0
8.0
Q3
TL432BCDBZTG4
SOT-23
DBZ
3
250
180.0
8.4
3.15
2.77
1.22
4.0
8.0
Q3
TL432BCPK
SOT-89
PK
3
1000
180.0
12.4
4.91
4.52
1.9
8.0
12.0
Q3
TL432BIDBZR
SOT-23
DBZ
3
3000
178.0
9.0
3.15
2.77
1.22
4.0
8.0
Q3
TL432BIDBZR
SOT-23
DBZ
3
3000
178.0
9.2
3.15
2.77
1.22
4.0
8.0
Q3
TL432BIDBZRG4
SOT-23
DBZ
3
3000
178.0
9.2
3.15
2.77
1.22
4.0
8.0
Q3
TL432BIDBZT
SOT-23
DBZ
3
250
178.0
9.0
3.15
2.77
1.22
4.0
8.0
Q3
TL432BIDBZT
SOT-23
DBZ
3
250
178.0
9.2
3.15
2.77
1.22
4.0
8.0
Q3
TL432BIDBZTG4
SOT-23
DBZ
3
250
178.0
9.2
3.15
2.77
1.22
4.0
8.0
Q3
TL432BIPK
SOT-89
PK
3
1000
180.0
12.4
4.91
4.52
1.9
8.0
12.0
Q3
TL432BQDBZR
SOT-23
DBZ
3
3000
179.0
8.4
3.15
2.95
1.22
4.0
8.0
Q3
TL432BQDBZR
SOT-23
DBZ
3
3000
178.0
9.2
3.15
2.77
1.22
4.0
8.0
Q3
TL432BQDBZR
SOT-23
DBZ
3
3000
180.0
8.4
3.15
2.77
1.22
4.0
8.0
Q3
TL432BQPK
SOT-89
PK
3
1000
180.0
12.4
4.91
4.52
1.9
8.0
12.0
Q3
TL432CDBVR
SOT-23
DBV
5
3000
178.0
9.0
3.3
3.2
1.4
4.0
8.0
Q3
TL432CDBVR
SOT-23
DBV
5
3000
178.0
9.0
3.23
3.17
1.37
4.0
8.0
Q3
TL432CDBZR
SOT-23
DBZ
3
3000
178.0
9.0
3.15
2.77
1.22
4.0
8.0
Q3
TL432CDBZR
SOT-23
DBZ
3
3000
180.0
8.4
3.15
2.77
1.22
4.0
8.0
Q3
TL432CDBZRG4
SOT-23
DBZ
3
3000
180.0
8.4
3.15
2.77
1.22
4.0
8.0
Q3
TL432CPK
SOT-89
PK
3
1000
180.0
12.4
4.91
4.52
1.9
8.0
12.0
Q3
TL432IDBVR
SOT-23
DBV
5
3000
178.0
9.0
3.23
3.17
1.37
4.0
8.0
Q3
TL432IDBVR
SOT-23
DBV
5
3000
178.0
9.0
3.3
3.2
1.4
4.0
8.0
Q3
TL432IDBZR
SOT-23
DBZ
3
3000
178.0
9.0
3.15
2.77
1.22
4.0
8.0
Q3
TL432IDBZR
SOT-23
DBZ
3
3000
180.0
8.4
3.15
2.77
1.22
4.0
8.0
Q3
TL432IDBZRG4
SOT-23
DBZ
3
3000
180.0
8.4
3.15
2.77
1.22
4.0
8.0
Q3
TL432IDBZT
SOT-23
DBZ
3
250
180.0
8.4
3.15
2.77
1.22
4.0
8.0
Q3
TL432IDBZT
SOT-23
DBZ
3
250
178.0
9.0
3.15
2.77
1.22
4.0
8.0
Q3
TL432IDBZTG4
SOT-23
DBZ
3
250
180.0
8.4
3.15
2.77
1.22
4.0
8.0
Q3
TL432IPK
SOT-89
PK
3
1000
180.0
12.4
4.91
4.52
1.9
8.0
12.0
Q3
TL432QDBZR
SOT-23
DBZ
3
3000
180.0
8.4
3.15
2.77
1.22
4.0
8.0
Q3
TL432QDBZR
SOT-23
DBZ
3
3000
178.0
9.0
3.15
2.77
1.22
4.0
8.0
Q3
TL432QDBZRG4
SOT-23
DBZ
3
3000
180.0
8.4
3.15
2.77
1.22
4.0
8.0
Q3
TL432QPK
SOT-89
PK
3
1000
180.0
12.4
4.91
4.52
1.9
8.0
12.0
Q3
Pack Materials-Page 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83