Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TL431ACLPR Arkusz danych(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Numer części TL431ACLPR
Szczegółowy opis  TL431, TL432 Precision Programmable Reference
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TL431ACLPR Arkusz danych(HTML) 46 Page - Texas Instruments

Back Button TL431ACLPR Datasheet HTML 42Page - Texas Instruments TL431ACLPR Datasheet HTML 43Page - Texas Instruments TL431ACLPR Datasheet HTML 44Page - Texas Instruments TL431ACLPR Datasheet HTML 45Page - Texas Instruments TL431ACLPR Datasheet HTML 46Page - Texas Instruments TL431ACLPR Datasheet HTML 47Page - Texas Instruments TL431ACLPR Datasheet HTML 48Page - Texas Instruments TL431ACLPR Datasheet HTML 49Page - Texas Instruments TL431ACLPR Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 83 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
15-Oct-2022
TAPE AND REEL INFORMATION
Reel Width (W1)
REEL DIMENSIONS
A0
B0
K0
W
Dimension designed to accommodate the component length
Dimension designed to accommodate the component thickness
Overall width of the carrier tape
Pitch between successive cavity centers
Dimension designed to accommodate the component width
TAPE DIMENSIONS
K0
P1
B0 W
A0
Cavity
QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE
Pocket Quadrants
Sprocket Holes
Q1
Q1
Q2
Q2
Q3
Q3
Q4
Q4
User Direction of Feed
P1
Reel
Diameter
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
TL431ACDBVR
SOT-23
DBV
5
3000
178.0
9.0
3.3
3.2
1.4
4.0
8.0
Q3
TL431ACDBVR
SOT-23
DBV
5
3000
178.0
9.0
3.3
3.2
1.4
4.0
8.0
Q3
TL431ACDBVR
SOT-23
DBV
5
3000
180.0
8.4
3.23
3.17
1.37
4.0
8.0
Q3
TL431ACDBVRG4
SOT-23
DBV
5
3000
178.0
9.0
3.3
3.2
1.4
4.0
8.0
Q3
TL431ACDBVT
SOT-23
DBV
5
250
178.0
9.0
3.3
3.2
1.4
4.0
8.0
Q3
TL431ACDBVT
SOT-23
DBV
5
250
178.0
9.0
3.23
3.17
1.37
4.0
8.0
Q3
TL431ACDBZR
SOT-23
DBZ
3
3000
178.0
9.2
3.15
2.77
1.22
4.0
8.0
Q3
TL431ACDBZR
SOT-23
DBZ
3
3000
178.0
9.0
3.15
2.77
1.22
4.0
8.0
Q3
TL431ACDBZRG4
SOT-23
DBZ
3
3000
178.0
9.2
3.15
2.77
1.22
4.0
8.0
Q3
TL431ACDBZT
SOT-23
DBZ
3
250
178.0
9.2
3.15
2.77
1.22
4.0
8.0
Q3
TL431ACDBZT
SOT-23
DBZ
3
250
178.0
9.0
3.15
2.77
1.22
4.0
8.0
Q3
TL431ACDBZTG4
SOT-23
DBZ
3
250
178.0
9.2
3.15
2.77
1.22
4.0
8.0
Q3
TL431ACDCKR
SC70
DCK
6
3000
180.0
8.4
2.41
2.41
1.2
4.0
8.0
Q3
TL431ACDR
SOIC
D
8
2500
330.0
12.8
6.4
5.2
2.1
8.0
12.0
Q1
TL431ACDR
SOIC
D
8
2500
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
TL431ACDRG4
SOIC
D
8
2500
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83