| Zakładka z wyszukiwarką danych komponentów |
|
TL431BQLPR Arkusz danych(PDF) 40 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TL431BQLPR Arkusz danych(HTML) 40 Page - Texas Instruments |
|
40 / 83 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 14-Oct-2022 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead finish/ Ball material (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples TL431CPE4 LIFEBUY PDIP P 8 50 RoHS & Green NIPDAU N / A for Pkg Type 0 to 70 TL431CP TL431CPK ACTIVE SOT-89 PK 3 1000 RoHS & Green SN Level-2-260C-1 YEAR 0 to 70 43 Samples TL431CPKE6 ACTIVE SOT-89 PK 3 1000 RoHS & Non-Green SNBI Level-1-260C-UNLIM 0 to 70 43 Samples TL431CPKG3 ACTIVE SOT-89 PK 3 1000 RoHS & Green SN Level-2-260C-1 YEAR 0 to 70 43 Samples TL431CPS LIFEBUY SO PS 8 80 RoHS & Green NIPDAU Level-1-260C-UNLIM 0 to 70 T431 TL431CPSR LIFEBUY SO PS 8 2000 RoHS & Green NIPDAU Level-1-260C-UNLIM 0 to 70 T431 TL431CPSRG4 LIFEBUY SO PS 8 2000 RoHS & Green NIPDAU Level-1-260C-UNLIM 0 to 70 T431 TL431CPWR LIFEBUY TSSOP PW 8 2000 RoHS & Green NIPDAU Level-1-260C-UNLIM 0 to 70 T431 TL431ID ACTIVE SOIC D 8 75 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 85 TL431I Samples TL431IDBVR ACTIVE SOT-23 DBV 5 3000 RoHS & Green NIPDAU | SN Level-1-260C-UNLIM -40 to 85 (T3IG, T3IJ, T3IS) Samples TL431IDBVRE4 ACTIVE SOT-23 DBV 5 3000 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 85 T3IG Samples TL431IDBVRG4 ACTIVE SOT-23 DBV 5 3000 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 85 T3IG Samples TL431IDBVT ACTIVE SOT-23 DBV 5 250 RoHS & Green NIPDAU | SN Level-1-260C-UNLIM -40 to 85 (T3IG, T3IJ, T3IU) Samples TL431IDBZR ACTIVE SOT-23 DBZ 3 3000 RoHS & Green NIPDAUAG | SN Level-1-260C-UNLIM -40 to 85 (T3I3, T3IG, T3IS, T3IU) Samples TL431IDBZRG4 ACTIVE SOT-23 DBZ 3 3000 RoHS & Green NIPDAUAG Level-1-260C-UNLIM -40 to 85 T3IS Samples TL431IDBZT ACTIVE SOT-23 DBZ 3 250 RoHS & Green NIPDAUAG | SN Level-1-260C-UNLIM -40 to 85 (T3IG, T3IS, T3IU) Samples TL431IDBZTG4 ACTIVE SOT-23 DBZ 3 250 RoHS & Green NIPDAUAG Level-1-260C-UNLIM -40 to 85 T3IS Samples TL431IDG4 ACTIVE SOIC D 8 75 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 85 TL431I Samples TL431IDR ACTIVE SOIC D 8 2500 RoHS & Green NIPDAU | SN Level-1-260C-UNLIM -40 to 85 TL431I Samples TL431IDRG4 ACTIVE SOIC D 8 2500 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 85 TL431I Samples TL431ILP ACTIVE TO-92 LP 3 1000 RoHS & Green SN N / A for Pkg Type -40 to 85 TL431I Samples TL431ILPE3 ACTIVE TO-92 LP 3 1000 RoHS & Green SN N / A for Pkg Type -40 to 85 TL431I Samples Addendum-Page 8 |