Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

VLH252012CS101N Arkusz danych(PDF) 2 Page - Stackpole Electronics, Inc.

Numer części VLH252012CS101N
Szczegółowy opis  Miniature SMD Power Inductor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SEI [Stackpole Electronics, Inc.]
Strona internetowa  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

VLH252012CS101N Arkusz danych(HTML) 2 Page - Stackpole Electronics, Inc.

  VLH252012CS101N Datasheet HTML 1Page - Stackpole Electronics, Inc. VLH252012CS101N Datasheet HTML 2Page - Stackpole Electronics, Inc. VLH252012CS101N Datasheet HTML 3Page - Stackpole Electronics, Inc. VLH252012CS101N Datasheet HTML 4Page - Stackpole Electronics, Inc. VLH252012CS101N Datasheet HTML 5Page - Stackpole Electronics, Inc. VLH252012CS101N Datasheet HTML 6Page - Stackpole Electronics, Inc. VLH252012CS101N Datasheet HTML 7Page - Stackpole Electronics, Inc. VLH252012CS101N Datasheet HTML 8Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Rev Date: 11/21/2019
2
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
LPM Series
Miniature SMD Power Inductor
Stackpole Electronics, Inc.
Resistive Product Solutions
Electrical Specifications – LPM1008
Electrical Specifications – LPM1008-HP
Electrical Specifications – LPM1010
Electrical Specifications – LPM1310
LPM1008MT1R0
1.0
20%
1 MHz, 0.1 V
0.121
2.2
2.2
A
LPM1008MT1R5
1.5
20%
1 MHz, 0.1 V
0.193
1.8
1.9
B
LPM1008MT2R2
2.2
20%
1 MHz, 0.1 V
0.232
1.68
1.6
C
LPM1008MT3R3
3.3
20%
1 MHz, 0.1 V
0.372
1.34
1.2
D
LPM1008MT4R7
4.7
20%
1 MHz, 0.1 V
0.548
1
1
E
LPM1008MT5R6
5.6
20%
1 MHz, 0.1 V
0.626
0.9
0.9
F
LPM1008MT6R8
6.8
20%
1 MHz, 0.1 V
0.778
0.9
0.9
G
LPM1008MT100
10
20%
1 MHz, 0.1 V
1.036
0.8
0.7
H
LPM1008MT220
22
20%
1 MHz, 0.1 V
2.391
0.5
0.5
I
Marking Code
L
(uH)
DCR (Ω)
max
Type / Code
Tolerance
Test
Condition
I rms (A)
typical
I sat (A)
typical
LPM1008MT1R0-HP
1.0
20%
1 MHz, 0.1 V
0.137
2.2
2.8
A
LPM1008MT1R5-HP
1.5
20%
1 MHz, 0.1 V
0.19
1.86
2.2
B
LPM1008MT2R2-HP
2.2
20%
1 MHz, 0.1 V
0.285
1.7
1.8
C
LPM1008MT3R3-HP
3.3
20%
1 MHz, 0.1 V
0.454
1.2
1.3
D
LPM1008MT4R7-HP
4.7
20%
1 MHz, 0.1 V
0.659
1.04
1.1
E
LPM1008MT5R6-HP
5.6
20%
1 MHz, 0.1 V
0.685
1
1.1
F
LPM1008MT6R8-HP
6.8
20%
1 MHz, 0.1 V
0.988
0.94
0.94
G
LPM1008MT100-HP
10
20%
1 MHz, 0.1 V
1.19
0.84
0.82
H
LPM1008MT220-HP
22
20%
1 MHz, 0.1 V
2.743
0.54
0.55
I
Marking Code
Type / Code
L
(uH)
Tolerance
Test
Condition
DCR (Ω)
max
I rms (A)
typical
I sat (A)
typical
LPM1010MT1R0
1.0
20%
1 MHz, 0.1 V
0.085
1.9
2.30
LPM1010MT1R5
1.5
20%
1 MHz, 0.1 V
0.115
1.5
1.90
LPM1010MT2R2
2.2
20%
1 MHz, 0.1 V
0.168
1
1.50
LPM1010MT3R3
3.3
20%
1 MHz, 0.1 V
0.239
1.1
1.30
LPM1010MT4R7
4.7
20%
1 MHz, 0.1 V
0.316
0.9
1.10
LPM1010MT5R6
5.6
20%
1 MHz, 0.1 V
0.42
0.83
0.98
LPM1010MT6R8
6.8
20%
1 MHz, 0.1 V
0.487
0.80
0.90
LPM1010MT8R2
8.2
20%
1 MHz, 0.1 V
0.548
0.71
0.84
LPM1010MT100
10
20%
1 MHz, 0.1 V
0.61
0.68
0.79
LPM1010MT220
22
20%
1 MHz, 0.1 V
1.552
0.40
0.51
Type / Code
L
(uH)
Tolerance
Test
Condition
DCR (Ω)
typical
I rms (A)
typical
I sat (A)
typical
LPM1310NT1R0
1.0
30%
1 MHz, 0.1 V
0.078
1
100
LPM1310NT1R5
1.5
30%
1 MHz, 0.1 V
0.068
1.2
100
LPM1310MT2R2
2.2
20%
1 MHz, 0.1 V
0.126
0.79
64
LPM1310MT3R3
3.3
20%
1 MHz, 0.1 V
0.180
0.7
50
LPM1310MT4R7
4.7
20%
1 MHz, 0.1 V
0.195
0.65
43
LPM1310KT100
10
10%
1 MHz, 0.1 V
0.420
0.45
26
LPM1310KT150
15
10%
1 MHz, 0.1 V
0.750
0.3
22
LPM1310KT220
22
10%
1 MHz, 0.1 V
1.000
0.25
19
LPM1310KT330
33
10%
1 MHz, 0.1 V
1.400
0.2
17
LPM1310KT470
47
10%
1 MHz, 0.1 V
2.200
0.17
13
LPM1310KT680
68
10%
1 MHz, 0.1 V
3.200
0.13
9
LPM1310KT101
100
10%
1 MHz, 0.1 V
4.500
0.1
8
SRF (MHz)
min
IDC (A)
max
Type / Code
L
(uH)
Tolerance
Test
Condition
DCR (Ω)
max



Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com