Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDA802 Arkusz danych(PDF) 10 Page - STMicroelectronics

Numer części FDA802
Szczegółowy opis  2x150 W/1x300 W class D digital input automotive power amplifier with diagnostics features and low voltage
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA802 Arkusz danych(HTML) 10 Page - STMicroelectronics

Back Button FDA802 Datasheet HTML 4Page - STMicroelectronics FDA802 Datasheet HTML 5Page - STMicroelectronics FDA802 Datasheet HTML 6Page - STMicroelectronics FDA802 Datasheet HTML 7Page - STMicroelectronics FDA802 Datasheet HTML 8Page - STMicroelectronics FDA802 Datasheet HTML 9Page - STMicroelectronics FDA802 Datasheet HTML 10Page - STMicroelectronics FDA802 Datasheet HTML 11Page - STMicroelectronics FDA802 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Package information
FDA802
10/12
DocID030734 Rev 2
3.2
LQFP64 (10x10x1.4 mm exp. pad up) marking information
Figure 4. LQFP64 (10x10x1.4 mm exp. pad up) marking information
Parts marked as ‘ES’ are not yet qualified and therefore not approved for use in production.
ST is not responsible for any consequences resulting from such use. In no event will ST be
liable for the customer using any of these engineering samples in production. ST’s Quality
department must be contacted to run a qualification activity prior to any decision to use
these engineering samples.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12