| Zakładka z wyszukiwarką danych komponentów |
|
L9177 Arkusz danych(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9177 Arkusz danych(HTML) 28 Page - STMicroelectronics |
|
28 / 49 page ![]() Functional description L9177 28/49 DocID17617 Rev 1 4 Functional description 4.1 Chip working conditions Table 25. L9177 outputs working conditions - Standby Run mode VB_OV VB_UV Reset Over current Thermal warning VDD_SB regulator ON ON ON ON ON Current limitation ON VDD regulator OFF ON OFF OFF ON Current limitation OFF if linked with VDD current limitation VDD_TRK regulator OFF ON OFF OFF ON Current limitation OFF if linked with VDD_TRK current limitation All LS drivers OFF ON OFF OFF OFF Over current switch off ON Diagnostics of all LS drivers OFF ON OFF OFF ON - ON HS Driver OFF ON OFF OFF OFF Current limitation ON Stepper Motor Driver OFF ON OFF OFF OFF Over current switch off ON K-line Transceiver OFF ON OFF OFF OFF Current limitation ON VRS OFF ON OFF OFF OFF - ON SPI Default Default Default Default Default ON ON |