Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

L9961 Arkusz danych(PDF) 8 Page - STMicroelectronics

Numer części L9961
Szczegółowy opis  Battery management system solution
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9961 Arkusz danych(HTML) 8 Page - STMicroelectronics

Back Button L9961 Datasheet HTML 4Page - STMicroelectronics L9961 Datasheet HTML 5Page - STMicroelectronics L9961 Datasheet HTML 6Page - STMicroelectronics L9961 Datasheet HTML 7Page - STMicroelectronics L9961 Datasheet HTML 8Page - STMicroelectronics L9961 Datasheet HTML 9Page - STMicroelectronics L9961 Datasheet HTML 10Page - STMicroelectronics L9961 Datasheet HTML 11Page - STMicroelectronics L9961 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 63 page
background image
2.4
Thermal ratings
Table 5 lists the device thermal ratings.
Table 5. Thermal ratings
Symbol
Parameter
Test conditions
Min. Typ. Max.
Unit
TA
Operating and testing temperature
-40
85
°C
TJ
Operating junction temperature range
-40
120
°C
Tstg
Storage temperature range
-55
150
°C
RthJA
Thermal resistance, junction-to-ambient
According JEDEC standard on 2s2p PCB
38
°C/W
ON L9961 EVAL Board
TBD
°C/W
L9961
Thermal ratings
DS14012 - Rev 1
page 8/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63