Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA7708SCBTR Arkusz danych(PDF) 4 Page - STMicroelectronics

Numer części TDA7708SCBTR
Szczegółowy opis  AM/FM/HD-RadioTM submicron technology automotive receiver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7708SCBTR Arkusz danych(HTML) 4 Page - STMicroelectronics

  TDA7708SCBTR Datasheet HTML 1Page - STMicroelectronics TDA7708SCBTR Datasheet HTML 2Page - STMicroelectronics TDA7708SCBTR Datasheet HTML 3Page - STMicroelectronics TDA7708SCBTR Datasheet HTML 4Page - STMicroelectronics TDA7708SCBTR Datasheet HTML 5Page - STMicroelectronics TDA7708SCBTR Datasheet HTML 6Page - STMicroelectronics TDA7708SCBTR Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
3
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
3.1
VFQFPN-52 (8x8x1.0 mm) package information
Figure 2. VFQFPN-52 (8x8x1.0 mm) package outline
GAPG0104160722PS
7740640_D_90
Table 4. VFQFPN-52 (8x8x1.0 mm) package mechanical data
Ref.
Dimensions in mm
Min.
Typ.
Max.
A
0.8
0.9
1
TDA7708S
Package information
DB3138 - Rev 3
page 4/7



Html Pages

1 2 3 4 5 6 7