| Zakładka z wyszukiwarką danych komponentów |
|
L9788TR Arkusz danych(PDF) 46 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9788TR Arkusz danych(HTML) 46 Page - STMicroelectronics |
|
46 / 264 page ![]() Operation behavior L9788 46/264 DS12308 Rev 4 Legenda: ▲ Shutdown <blank> Not shutdown OVT[1-16] Dedicated temperature sensor for the power OVT[3] OVT[3] is used as a common thermal sensor for the three Tracking Regulators OVT[17] Central Temperature sensor OVT[14]** Over temperature protection MRD is available only when VB_IN is present. |