| Zakładka z wyszukiwarką danych komponentów |
|
STDRIVE601 Arkusz danych(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STDRIVE601 Arkusz danych(HTML) 15 Page - STMicroelectronics |
|
15 / 26 page ![]() If no external pull-up is connected to OD, the external COD capacitor is discharged with a time constant defined by COD and the internal MOSFET's characteristic (Eq. (1)), and the Restart time is determined by the internal current source IOD and by COD (Eq. (2)). t1≅RON_OD⋅COD⋅ln VODVSSDl (1) t2≅COD⋅VSSDℎ IOD ⋅ln VSSDl−VOD VSSDℎ−VOD (2) In case the OD pin is connected to VCC by an external pull-up resistor ROD_ext, the OD discharge time is determined by the external network ROD_ext COD and by the internal MOSFET's RON_OD (Eq. (3)), while the Restart time is determined by current in ROD_ext (Eq. (4)). t1≅COD⋅ ROD_ext//RON_OD ⋅ln VOD−Von VSSDl−Von (3) t1≅COD⋅ROD_ext⋅ln VSSDl−VOD VSSDℎ−VOD (4) Where: Von= RON_OD RON_ext+RON_OD;VOD=VCC STDRIVE601 Comparator and smart shutdown DS12949 - Rev 2 page 15/26 |