| Zakładka z wyszukiwarką danych komponentów |
|
CS47L35 Arkusz danych(PDF) 113 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS47L35 Arkusz danych(HTML) 113 Page - Cirrus Logic |
|
113 / 300 page ![]() DS1085F3 113 CS47L35 4.6 Digital Audio Interface 4.6.4 TDM Operation Between Three or More Devices The AIF operation described in Section 4.6.3 illustrates how multiple audio channels can be interleaved on a single TXDAT or RXDAT pin. The interface uses TDM to allocate time periods to each of the audio channels in turn. This form of TDM is implemented between two devices, using the electrical connections shown Fig. 4-35 or Fig. 4-36. It is also possible to implement TDM between three or more devices. This allows one codec to receive audio data from two other devices simultaneously on a single audio interface, as shown in Fig. 4-45, Fig. 4-46, and Fig. 4-47. The CS47L35 provides full support for TDM operation. The TXDAT pin can be tristated when not transmitting data, in order to allow other devices to transmit on the same wire. The behavior of the TXDAT pin is configurable, to allow maximum flexibility to interface with other devices in this way. Typical configurations of TDM operation between three devices are shown in Fig. 4-45, Fig. 4-46, and Fig. 4-47. Figure 4-45. TDM with CS47L35 as Master Figure 4-46. TDM with Other Codec as Master Processor TXDAT LRCLK RXDAT BCLK TXDAT LRCLK RXDAT BCLK CS47L35 CS47L35 or similar CODEC TXDAT LRCLK RXDAT BCLK TXDAT LRCLK RXDAT BCLK Processor CS47L35 CS47L35 or similar CODEC |