| Zakładka z wyszukiwarką danych komponentów |
|
CS47L35 Arkusz danych(PDF) 175 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS47L35 Arkusz danych(HTML) 175 Page - Cirrus Logic |
|
175 / 300 page ![]() DS1085F3 175 CS47L35 4.15 Interrupts R6154 (0x180A) IRQ1_Status_11 15 DSP_IRQ16_EINT1 0 DSP IRQ16 Interrupt (Rising edge triggered) Note: Cleared when a 1 is written. 14 DSP_IRQ15_EINT1 0 DSP IRQ15 Interrupt (Rising edge triggered) Note: Cleared when a 1 is written. 13 DSP_IRQ14_EINT1 0 DSP IRQ14 Interrupt (Rising edge triggered) Note: Cleared when a 1 is written. 12 DSP_IRQ13_EINT1 0 DSP IRQ13 Interrupt (Rising edge triggered) Note: Cleared when a 1 is written. 11 DSP_IRQ12_EINT1 0 DSP IRQ12 Interrupt (Rising edge triggered) Note: Cleared when a 1 is written. 10 DSP_IRQ11_EINT1 0 DSP IRQ11 Interrupt (Rising edge triggered) Note: Cleared when a 1 is written. 9 DSP_IRQ10_EINT1 0 DSP IRQ10 Interrupt (Rising edge triggered) Note: Cleared when a 1 is written. 8 DSP_IRQ9_EINT1 0 DSP IRQ9 Interrupt (Rising edge triggered) Note: Cleared when a 1 is written. 7 DSP_IRQ8_EINT1 0 DSP IRQ8 Interrupt (Rising edge triggered) Note: Cleared when a 1 is written. 6 DSP_IRQ7_EINT1 0 DSP IRQ7 Interrupt (Rising edge triggered) Note: Cleared when a 1 is written. 5 DSP_IRQ6_EINT1 0 DSP IRQ6 Interrupt (Rising edge triggered) Note: Cleared when a 1 is written. 4 DSP_IRQ5_EINT1 0 DSP IRQ5 Interrupt (Rising edge triggered) Note: Cleared when a 1 is written. 3 DSP_IRQ4_EINT1 0 DSP IRQ4 Interrupt (Rising edge triggered) Note: Cleared when a 1 is written. 2 DSP_IRQ3_EINT1 0 DSP IRQ3 Interrupt (Rising edge triggered) Note: Cleared when a 1 is written. 1 DSP_IRQ2_EINT1 0 DSP IRQ2 Interrupt (Rising edge triggered) Note: Cleared when a 1 is written. 0 DSP_IRQ1_EINT1 0 DSP IRQ1 Interrupt (Rising edge triggered) Note: Cleared when a 1 is written. R6155 (0x180B) IRQ1_Status_12 6 SPKOUTL_SC_EINT1 0 SPKOUT Short Circuit Interrupt (Rising and falling edge triggered) Note: Cleared when a 1 is written. 3 HP2R_SC_EINT1 0 EPOUTN Short Circuit Interrupt (Rising edge triggered) Note: Cleared when a 1 is written. 2 HP2L_SC_EINT1 0 EPOUTP Short Circuit Interrupt (Rising edge triggered) Note: Cleared when a 1 is written. 1 HP1R_SC_EINT1 0 HPOUTR Short Circuit Interrupt (Rising edge triggered) Note: Cleared when a 1 is written. 0 HP1L_SC_EINT1 0 HPOUTL Short Circuit Interrupt (Rising edge triggered) Note: Cleared when a 1 is written. R6156 (0x180C) IRQ1_Status_13 6 SPKOUTL_ENABLE_DONE_EINT1 0 SPKOUT Enable Interrupt (Rising edge triggered) Note: Cleared when a 1 is written. 1 HP1R_ENABLE_DONE_EINT1 0 HPOUTR/EPOUTN Enable Interrupt (Rising edge triggered) Note: Cleared when a 1 is written. 0 HP1L_ENABLE_DONE_EINT1 0 HPOUTL/EPOUTP Enable Interrupt (Rising edge triggered) Note: Cleared when a 1 is written. R6157 (0x180D) IRQ1_Status_14 6 SPKOUTL_DISABLE_DONE_EINT1 0 SPKOUTL Disable Interrupt (Rising edge triggered) Note: Cleared when a 1 is written. 1 HP1R_DISABLE_DONE_EINT1 0 HPOUTR/EPOUTN Disable Interrupt (Rising edge triggered) Note: Cleared when a 1 is written. 0 HP1L_DISABLE_DONE_EINT1 0 HPOUTL/EPOUTP Disable Interrupt (Rising edge triggered) Note: Cleared when a 1 is written. Table 4-89. Interrupt 1 Control Registers (Cont.) Register Address Bit Label Default Description |