| Zakładka z wyszukiwarką danych komponentów |
|
CS47L35 Arkusz danych(PDF) 180 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS47L35 Arkusz danych(HTML) 180 Page - Cirrus Logic |
|
180 / 300 page ![]() 180 DS1085F3 CS47L35 4.15 Interrupts The IRQ2 interrupt, mask, and status control registers are described in Table 4-90. Table 4-90. Interrupt 2 Control Registers Register Address Bit Label Default Description R6400 (0x1900) IRQ2_Status_1 15 DSP_SHARED_WR_COLL_EINT2 0 DSP Shared Memory Collision Interrupt (Rising edge triggered) Note: Cleared when a 1 is written. 12 CTRLIF_ERR_EINT2 0 Control Interface Error Interrupt (Rising edge triggered) Note: Cleared when a 1 is written. 9 SYSCLK_FAIL_EINT2 0 SYSCLK Fail Interrupt (Rising edge triggered) Note: Cleared when a 1 is written. 7 BOOT_DONE_EINT2 0 Boot Done Interrupt (Rising edge triggered) Note: Cleared when a 1 is written. R6401 (0x1901) IRQ2_Status_2 8 FLL1_LOCK_EINT2 0 FLL1 Lock Interrupt (Rising and falling edge triggered) Note: Cleared when a 1 is written. R6405 (0x1905) IRQ2_Status_6 8 MICDET_EINT2 0 Microphone/Accessory Detect Interrupt (Detection event triggered) Note: Cleared when a 1 is written. 0 HPDET_EINT2 0 Headphone Detect Interrupt (Rising edge triggered) Note: Cleared when a 1 is written. R6406 (0x1906) IRQ2_Status_7 5 MICD_CLAMP_FALL_EINT2 0 MICDET Clamp Interrupt (Falling edge triggered) Note: Cleared when a 1 is written. 4 MICD_CLAMP_RISE_EINT2 0 MICDET Clamp Interrupt (Rising edge triggered) Note: Cleared when a 1 is written. 3 JD2_FALL_EINT2 0 JD2 Interrupt (Falling edge triggered) Note: Cleared when a 1 is written. 2 JD2_RISE_EINT2 0 JD2 Interrupt (Rising edge triggered) Note: Cleared when a 1 is written. 1 JD1_FALL_EINT2 0 JD1 Interrupt (Falling edge triggered) Note: Cleared when a 1 is written. 0 JD1_RISE_EINT2 0 JD1 Interrupt (Rising edge triggered) Note: Cleared when a 1 is written. R6408 (0x1908) IRQ2_Status_9 1 DRC2_SIG_DET_EINT2 0 DRC2 Signal-Detect Interrupt (Rising and falling edge triggered) Note: Cleared when a 1 is written. 0 DRC1_SIG_DET_EINT2 0 DRC1 Signal-Detect Interrupt (Rising and falling edge triggered) Note: Cleared when a 1 is written. |