Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STGIB8CH60S-L Arkusz danych(PDF) 1 Page - STMicroelectronics

Numer części STGIB8CH60S-L
Szczegółowy opis  SLLIMM- 2nd series IPM, 3-phase inverter, 12 A, 600 V short-circuit rugged IGBT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIB8CH60S-L Arkusz danych(HTML) 1 Page - STMicroelectronics

  STGIB8CH60S-L Datasheet HTML 1Page - STMicroelectronics STGIB8CH60S-L Datasheet HTML 2Page - STMicroelectronics STGIB8CH60S-L Datasheet HTML 3Page - STMicroelectronics STGIB8CH60S-L Datasheet HTML 4Page - STMicroelectronics STGIB8CH60S-L Datasheet HTML 5Page - STMicroelectronics STGIB8CH60S-L Datasheet HTML 6Page - STMicroelectronics STGIB8CH60S-L Datasheet HTML 7Page - STMicroelectronics STGIB8CH60S-L Datasheet HTML 8Page - STMicroelectronics STGIB8CH60S-L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
18
26
1
SDIP2B-26L type L2
Marking area
26
18
17
1
17
Features
IPM 12 A, 600 V 3-phase IGBT inverter bridge including 2 control ICs for gate
driving and freewheeling diodes
3.3 V, 5 V TTL/CMOS inputs with hysteresis
Internal bootstrap diode
Undervoltage lockout of gate drivers
Smart shutdown function
Short-circuit protection
Shutdown input/fault output
Separate open emitter outputs
Built-in temperature sensor
Comparator for fault protection
Short-circuit rugged TFS IGBT
Very fast, soft recovery diodes
Fully isolated package
Isolation ratings of 1600 Vrms/min.
UL recognition: UL 1557, file E81734
Applications
3-phase inverters for motor drives
Washing machines
Dryer
Industrial fans
Pumps
Description
This second series of SLLIMM (small low-loss intelligent molded module) provides a
compact, high-performance AC motor drive in a simple, rugged design. It combines
new ST proprietary control ICs (one LS and one HS driver) with an improved short-
circuit rugged trench gate field-stop (TFS) IGBT, making it ideal for motor drives
operating up to 20 kHz in hard-switching circuitries.
Product status link
STGIB8CH60S-L
Product summary
Order code
STGIB8CH60S-L
Marking
GIB8CH60S-L
Package
SDIP2B-26L type L2
Packing
Tube
SLLIMM- 2nd series IPM, 3-phase inverter, 12 A, 600 V short-circuit rugged IGBT
STGIB8CH60S-L
Datasheet
DS11955 - Rev 5 - November 2021
For further information contact your local STMicroelectronics sales office.
www.st.com


Podobny numer części - STGIB8CH60S-L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STGIB8CH60S-LZ STMICROELECTRONICS-STGIB8CH60S-LZ Datasheet
626Kb / 23P
SLLIMM - 2nd series IPM, 3-phase inverter, 12 A, 600 V short-circuit rugged IGBT
23-Sep-2021
More results

Podobny opis - STGIB8CH60S-L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STGIB20M60TS-L STMICROELECTRONICS-STGIB20M60TS-L Datasheet
731Kb / 24P
SLLIMM - 2nd series IPM, 3-phase inverter, 25 A, 600 V short-circuit rugged IGBT
21-Sep-2021
STGIF5CH60TS-LZ STMICROELECTRONICS-STGIF5CH60TS-LZ Datasheet
932Kb / 24P
SLLIMM - 2nd series IPM, 3-phase inverter, 8 A, 600 V, short‑circuit rugged IGBT
16-Feb-2022
STGIB20M60S-XZ STMICROELECTRONICS-STGIB20M60S-XZ Datasheet
632Kb / 23P
SLLIMM - 2nd series IPM, 3-phase inverter, 25 A, 600 V short-circuit rugged IGBT
21-Sep-2021
STGIB30M60S-XZ STMICROELECTRONICS-STGIB30M60S-XZ Datasheet
631Kb / 23P
SLLIMM - 2nd series IPM, 3-phase inverter, 35 A, 600 V short-circuit rugged IGBT
21-Sep-2021
STGIB8CH60S-LZ STMICROELECTRONICS-STGIB8CH60S-LZ Datasheet
626Kb / 23P
SLLIMM - 2nd series IPM, 3-phase inverter, 12 A, 600 V short-circuit rugged IGBT
23-Sep-2021
STGIB8CH60TS-E STMICROELECTRONICS-STGIB8CH60TS-E Datasheet
623Kb / 23P
SLLIMM - 2nd series IPM, 3-phase inverter, 12 A, 600 V, short-circuit rugged IGBT
09-Sep-2021
STGIB8CH60TS-L STMICROELECTRONICS-STGIB8CH60TS-L Datasheet
743Kb / 24P
SLLIMM - 2nd series IPM, 3-phase inverter, 12 A, 600 V, short‑circuit rugged IGBT
15-Sep-2021
STGIB8CH60TS-LZ STMICROELECTRONICS-STGIB8CH60TS-LZ Datasheet
749Kb / 24P
SLLIMM - 2nd series IPM, 3-phase inverter, 12 A, 600 V, short-circuit rugged IGBT
22-Sep-2021
STGIB8CH60TS-XZ STMICROELECTRONICS-STGIB8CH60TS-XZ Datasheet
2Mb / 24P
SLLIMM - 2nd series IPM, 3-phase inverter, 12 A, 600 V, short-circuit rugged IGBT
29-Oct-2021
STGIF5CH60TS-XZ STMICROELECTRONICS-STGIF5CH60TS-XZ Datasheet
595Kb / 24P
SLLIMM - 2nd series IPM, 3-phase inverter, 8 A, 600 V, short‑circuit rugged IGBT
14-Feb-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com