| Zakładka z wyszukiwarką danych komponentów |
|
ADP5140WACCZ-R7 Arkusz danych(PDF) 99 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP5140WACCZ-R7 Arkusz danych(HTML) 99 Page - Analog Devices |
|
99 / 128 page ![]() Data Sheet ADP5140 Rev. 0 | Page 99 of 128 Table 72. OT_INT_MASK, Register Address: 0x2070 Bits Bit Name Description Reset Access [31:12] RESERVED Reserved. 0x0 R 11 VOUT12_OT_INT_MASK Mask the VOUT12_OT_LATCH Bit on the STATUS Pin. 0x1 R/W 0: mask. 1: not mask. 10 VOUT4_OT_INT_MASK Mask the VOUT4_OT_LATCH Bit on the STATUS Pin. 0x1 R/W 0: mask. 1: not mask. 9 VOUT3_OT_INT_MASK Mask the VOUT3_OT_LATCH Bit on the STATUS Pin. 0x1 R/W 0: mask. 1: not mask. 8 VOUT2_OT_INT_MASK Mask the VOUT2_OT_LATCH Bit on the STATUS Pin. 0x1 R/W 0: mask. 1: not mask. 7 VOUT1_OT_INT_MASK Mask the VOUT1_OT_LATCH Bit on the STATUS Pin. 0x1 R/W 0: mask. 1: not mask. 6 VOUT11_OT_INT_MASK Mask the VOUT11_OT_LATCH Bit on the STATUS Pin. 0x1 R/W 0: mask. 1: not mask. 5 VOUT10_OT_INT_MASK Mask the VOUT10_OT_LATCH Bit on the STATUS Pin. 0x1 R/W 0: mask. 1: not mask. 4 VOUT9_OT_INT_MASK Mask the VOUT9_OT_LATCH Bit on the STATUS Pin. 0x1 R/W 0: mask. 1: not mask. 3 VOUT8_OT_INT_MASK Mask the VOUT8_OT_LATCH Bit on the STATUS Pin. 0x1 R/W 0: mask. 1: not mask. 2 VOUT7_OT_INT_MASK Mask the VOUT7_OT_LATCH Bit on the STATUS Pin. 0x1 R/W 0: mask. 1: not mask. 1 VOUT6_OT_INT_MASK Mask the VOUT6_OT_LATCH Bit on the STATUS Pin. 0x1 R/W 0: mask. 1: not mask. 0 VOUT5_OT_INT_MASK Mask the VOUT5_OT_LATCH Bit on the STATUS Pin. 0x1 R/W 0: mask. 1: not mask. |