Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CYWUSB6935 Arkusz danych(PDF) 6 Page - Cypress Semiconductor

Numer części CYWUSB6935
Szczegółowy opis  WirelessUSB LRTM 2.4-GHz DSSS Radio SoC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYPRESS [Cypress Semiconductor]
Strona internetowa  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYWUSB6935 Arkusz danych(HTML) 6 Page - Cypress Semiconductor

Back Button CYWUSB6935 Datasheet HTML 2Page - Cypress Semiconductor CYWUSB6935 Datasheet HTML 3Page - Cypress Semiconductor CYWUSB6935 Datasheet HTML 4Page - Cypress Semiconductor CYWUSB6935 Datasheet HTML 5Page - Cypress Semiconductor CYWUSB6935 Datasheet HTML 6Page - Cypress Semiconductor CYWUSB6935 Datasheet HTML 7Page - Cypress Semiconductor CYWUSB6935 Datasheet HTML 8Page - Cypress Semiconductor CYWUSB6935 Datasheet HTML 9Page - Cypress Semiconductor CYWUSB6935 Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
CYWUSB6935
Document #: 38-16008 Rev. *C
Page 6 of 33
6.0
Application Examples
Figure 6-1
shows a block diagram example of a typical battery
powered device using the CYWUSB6935 chip.
Figure 6-2
shows an application example of a WirelessUSB
LR alarm system where a single hub node is connected to an
alarm panel. The hub node wirelessly receives information
from multiple sensor nodes in order to control the alarm panel.
Figure 6-1. CYWUSB6935 Battery Powered Device
Figure 6-2. WirelessUSB LR Alarm System
WirelessUSB LR
PSoC
8-bit MCU
IRQ
SPI
4
PD
RESET
Vcc
Vcc
LDO/
DC2DC
Battery
+
-
0.1
µF
13MHz
Crystal
3.3 V
RFOUT
3.3 nH
RFIN
2.0 pF
PCBTrace
Antenna
27 pF
Application
Hardware
1.2 pF
2.2 nH
2.0 pF
ALAR M PAN EL
WirelessU SB LR +
PSoC
WirelessU SB LR
PSoC + SMO K E
DETECTO R
WirelessU SB LR
PSoC + MO TIO N
DETECTO R
WirelessU SB LR
PSoC + DO O R
SEN SO R
WirelessU SB LR
PSoC + KEYPAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33