| Zakładka z wyszukiwarką danych komponentów |
|
MI007 Arkusz danych(PDF) 4 Page - Pico Technology Ltd. |
|
|
|||||||||||||||||||||||||||||
MI007 Arkusz danych(HTML) 4 Page - Pico Technology Ltd. |
|
4 / 26 page ![]() PicoScope 3000 Series • Size The size of the display is only limited by the chosen PC. With a large waveform area available, you can select a customizable split-screen display to view multiple channels or different views of a signal at the same time. The software can even show multiple oscilloscope and spectrum analyzer traces at once. • Resolution The superior resolution offered by a PC monitor means that even with multiple views or complex signals, no detail will be lost. • Flexibility Each waveform shown in a customized view works with individual zoom, pan, filter, and measurement tools for ultimate flexibility. The buffer overview function also allows you to quickly find rare, high- speed events in a long capture, ensuring you are always viewing the most relevant data. • Ease of use The PicoScope software controls are easy to access and use within the large display window. You can clearly read all the settings and data for your waveform. Advanced display The PicoScope software provides advanced detail and clarity for viewing your signals. The majority of the display area is dedicated to the waveform, ensuring that a huge amount of data can be seen at once. Even with a laptop, the viewing area for a PicoScope USB oscilloscope is far larger than that of a typical benchtop oscilloscope. |