| Zakładka z wyszukiwarką danych komponentów |
|
MS6258SSTR Arkusz danych(PDF) 6 Page - MOSA ELECTRONICS |
|
|
|||||||||||||||||||||||||||||
MS6258SSTR Arkusz danych(HTML) 6 Page - MOSA ELECTRONICS |
|
6 / 12 page ![]() MOSA MS6258 Gain And Attenuation Volume Controller IC REV 1 6 www.mosanalog.com.tw Acknowledge During the Acknowledge clock pulse, the master (up) put a resistive HIGH level on the SDA line. The peripheral (audio processor) that acknowledges has to pull-down (LOW) the SDA line during the Acknowledge clock pulse so that the SDA line is in a stable LOW state during this clock pulse. Please refer to the diagram below. SCL SDA MSB Acknowledge 12 3 7 8 9 Start The audio processor that has been addressed has to generate an Acknowledge after receiving each byte, otherwise, the SDA line will remain at the HIGH level during the ninth (9 th) clock pulse. In this case, the master transmitter can generate the STOP information in order to abort the transfer. Timing of SDA and SCL bus lines tf S tLOW tHD;STA tr tHD;DAT tSU;DAT tf tHIGH tHD;STA tSU;STA Sr S P tSP tSU;STO tr tBUF SDA SCL Standard mode Symbol Parameter Min Max Unit fSCL SCL clock frequency 0 100 kHz tHD:STA Hold time (repeated) START condition. After this period, the first clock pulse is generated 4.0 - us tLOW LOW period of the SCL clock 4.7 - us tHIGH HIGH period of the SCL clock 4.0 - us tSU:STA Set-up time for a repeated START condition 4.7 - us tHD:DAT Data hold time: For I 2C-bus devices 0 3.45 us tSU:DAT Data-set-up time 250 - ns tr Rise time of both SDA and SCL signals - 1000 ns tf Fall time of both SDA and SCL signals - 300 ns tSU:STO Set-up time for STOP condition 4.0 - us tBUF Bus free time between a STOP and START condition 4.7 - us Cb Capacitive load for each bus line - 400 pF VnL Noise margin at the LOW level for each connected device (including hysteresis) 0.1VDD - V VnH Noise margin at the HIGH level for each connected device (including hysteresis) 0.2VDD - V |