| Zakładka z wyszukiwarką danych komponentów |
|
FMA-461 Arkusz danych(PDF) 9 Page - Interpoint Corporation Company |
|
|
|||||||||||||||||||||||||||||
FMA-461 Arkusz danych(HTML) 9 Page - Interpoint Corporation Company |
|
9 / 11 page ![]() B8-29 CASE K CASES 0.155 (3.94) 0.955 (24.26) 0.040 dia (1.02) 0.000 0.555 (14.1) 1.115 (28.32) 12 4 5 Flanged case: Designator required in Case Option position of model number. FM-461 EMI Filter: Screening – Standard or ES BOTTOM VIEW CASE K4 0.162 dia (4.11) Solder Seal Solder Tip-off Squared corner and dot on top of case indicate pin one. 3 FIGURE 45: CASE K4 0.155 (3.94) 0.955 (24.26) 6 10 7 8 9 0.040 dia (1.02) 0.155 (3.94) 0.955 (24.26) Solder Seal All K5 cases Solder Tip-off 0.000 1.115 (28.32) 12 6 10 Flanged cases: Designator required in Case Option position of model number. MTR Series Dual and MLP Series: Screening – Standard or ES BOTTOM VIEW CASE K5 345 7 8 9 12 345 0.555 (14.1) 0.000 1.115 (28.32) 0.555 (14.1) Squared corner and dot on top of case indicate pin one. Squared corner and dot on top of case indicate pin one. MLP Series MTR Series Dual (Standard and ES) FIGURE 46: CASE K5 |