| Zakładka z wyszukiwarką danych komponentów |
|
MSA2815S/883 Arkusz danych(PDF) 8 Page - Interpoint Corporation Company |
|
|
|||||||||||||||||||||||||||||
MSA2815S/883 Arkusz danych(HTML) 8 Page - Interpoint Corporation Company |
|
8 / 8 page ![]() 8 MSA SERIES 5 WATT DC/DC CONVERTERS TEST (125°C Products) STANDARD /ES /883 (Class H)* PRE-CAP INSPECTION Method 2017, 2032 yes yes yes TEMPERATURE CYCLE (10 times) Method 1010, Cond. C, -65°C to 150°C no no yes Method 1010, Cond. B, -55°C to 125°C no yes no CONSTANT ACCELERATION Method 2001, 3000 g no no yes Method 2001, 500 g no yes no BURN-IN Method 1015, 160 hours at 125°C no no yes 96 hours at 125°C case (typical) no yes no FINAL ELECTRICAL TEST MIL-PRF-38534, Group A Subgroups 1 through 6: -55°C, +25°C, +125°C no no yes Subgroups 1 and 4: +25°C case yes yes no HERMETICITY TESTING Fine Leak, Method 1014, Cond. A no yes yes Gross Leak, Method 1014, Cond. C no yes yes Gross Leak, Dip (1 x 10-3) yes no no FINAL VISUAL INSPECTION Method 2009 yes yes yes Test methods are referenced to MIL-STD-883 as determined by MIL-PRF-38534. *883 products are built with element evaluated components and are 100% tested and guaranteed over the full military temperature range of –55°C to +125°C. ENVIRONMENTAL SCREENING 22021-001-DTS Rev C This revision supercedes all previous releases. All technical information is believed to be accurate, but no responsibility is assumed for errors or omissions. Interpoint reserves the right to make changes in products or specifications without notice. MSA Series is a trademark of Interpoint. Copyright © 1994 - 2001 Interpoint Corporation. All rights reserved. Contact Information: Interpoint Headquarters USA Phone: 1-800-822-8782 +425-882-3100 Email: power@intp.com www.interpoint.com Interpoint UK Phone: +44-1252-815511 Email: poweruk@intp.com Interpoint France Phone: +33-134285455 Email: powerfr@intp.com |