| Zakładka z wyszukiwarką danych komponentów |
|
EASY512-DC-R Arkusz danych(PDF) 17 Page - Eaton All Rights Reserved. |
|
|
|||||||||||||||||||||||||||||
EASY512-DC-R Arkusz danych(HTML) 17 Page - Eaton All Rights Reserved. |
|
17 / 23 page ![]() Volume 7—Motor Controls, Logic and Connectivity CA08100008E—August 2011 www.eaton.com V7-T40-35 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40.3 Control Relays and Timers EASY Intelligent Relays Dimensions Approximate Dimensions in Inches (mm) EASY202-RE/EASY200-EASY/EASY205-ASI/ EASY209-SE Series, Drawing Number MD05013012E EASY221-CO/EASY222-DN Series, Drawing Number MD05013010E EASY204-DP Series, Drawing Number MD05013011E (M4) 0.157 (3.9) Dia. 0.30 (7.5) 4.33 (110.0) 4.02 (102.0) 3.54 (90.0) 0.30 (7.5) 1.40 (35.5) 1.87 (47.5) 2.22 (56.5) 0.18 (4.5) 1.77 (45.0) 2.28 (58.0) EASY202-RE EASY200-EASY EASY205-ASI 2.64 (67.0) 1.77 (45.0) 0.18 (4.5) 2.22 (56.5) 1.87 (47.5) (M4) 0.157 (3.9) Dia. 0.30 (7.5) 4.33 (110.0) 4.02 (102.0) 3.54 (90.0) 0.30 (7.5) 1.40 (35.5) EASY222-DN EASY221-CO 2.44 (62.0) 1.77 (45.0) 0.18 (4.5) 2.22 (56.5) 1.87 (47.5) (M4) 0.157 (3.9) Dia. 0.30 (7.5) 4.33 (110.0) 4.02 (102.0) 3.54 (90.0) 0.30 (7.5) 1.40 (35.5) EASY204-DP |