| Zakładka z wyszukiwarką danych komponentów |
|
EASY-NT-R Arkusz danych(PDF) 9 Page - Eaton All Rights Reserved. |
|
|
|||||||||||||||||||||||||||||
EASY-NT-R Arkusz danych(HTML) 9 Page - Eaton All Rights Reserved. |
|
9 / 23 page ![]() Volume 7—Motor Controls, Logic and Connectivity CA08100008E—August 2011 www.eaton.com V7-T40-27 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40.3 Control Relays and Timers EASY Intelligent Relays Dimensions Approximate Dimensions in Inches (mm) EASY600 Series, Drawing Number MD05013002E EASY202-RE/EASY200-EASY/EASY205-ASI Series, Drawing Number MD05013012E 4.23 (107.5) 3.54 (90.0) 4.02 (102.0) 4.33 (110.0) 2.96 (75.0) 0.64 (16.3) (M4) 0.157 (3.9) Dia. 0.64 (16.3) EASY600 2.28 (58.0) 0.18 (4.5) 2.22 (56.5) 1.87 (47.5) 1.77 (45.0) (M4) 0.157 (3.9) Dia. 0.30 (7.5) 4.33 (110.0) 4.02 (102.0) 3.54 (90.0) 0.30 (7.5) 1.40 (35.5) 1.87 (47.5) 2.22 (56.5) 0.18 (4.5) 1.77 (45.0) 2.28 (58.0) EASY202-RE EASY200-EASY EASY205-ASI |