Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

WFF4N60 Arkusz danych(PDF) 1 Page - Wisdom technologies Int`l

Numer części WFF4N60
Szczegółowy opis  N-Channel MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WISDOM [Wisdom technologies Int`l]
Strona internetowa  http://www.wisdom-technologies.com/index.aspx
Logo WISDOM - Wisdom technologies Int`l

WFF4N60 Arkusz danych(HTML) 1 Page - Wisdom technologies Int`l

  WFF4N60 Datasheet HTML 1Page - Wisdom technologies Int`l WFF4N60 Datasheet HTML 2Page - Wisdom technologies Int`l WFF4N60 Datasheet HTML 3Page - Wisdom technologies Int`l WFF4N60 Datasheet HTML 4Page - Wisdom technologies Int`l WFF4N60 Datasheet HTML 5Page - Wisdom technologies Int`l WFF4N60 Datasheet HTML 6Page - Wisdom technologies Int`l WFF4N60 Datasheet HTML 7Page - Wisdom technologies Int`l  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Absolute Maximum Ratings (* Drain current limited by junction temperature)
Symbol
Parameter
Value
Units
VDSS
Drain to Source Voltage
600
V
ID
Continuous Drain Current(@TC = 25°C)
4.0*
A
Continuous Drain Current(@TC = 100°C)
2.5*
A
IDM
Drain Current Pulsed
(Note 1)
16*
A
VGS
Gate to Source Voltage
±30
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
240
mJ
EAR
Repetitive Avalanche Energy
(Note 1)
10
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
4.5
V/ns
PD
Total Power Dissipation(@TC = 25 °C)
33
W
Derating Factor above 25 °C
0.26
W/°C
TSTG, TJ
Operating Junction Temperature & Storage Temperature
- 55 ~ 150
°C
TL
Maximum Lead Temperature for soldering purpose,
1/8 from Case for 5 seconds.
300
°C
Thermal Characteristics
Symbol
Parameter
Value
Units
Min.
Typ.
Max.
RθJC
Thermal Resistance, Junction-to-Case
-
-
3.79
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
-
-
62.5
°C/W
WFF4N60
Features
RDS(on) (Max 2.5 Ω )@VGS=10V
Gate Charge (Typical 15nC)
Improved dv/dt Capability, High Ruggedness
100% Avalanche Tested
Maximum Junction Temperature Range (150°C)
General Description
This Power MOSFET is produced using Wisdom’s advanced
planar stripe, DMOS technology. This latest technology has been
especially designed to minimize on-state resistance, have a high
rugged avalanche characteristics. These devices are well suited
for high efficiency switch mode power supplies, active power factor
correction, electronic lamp ballasts based on half bridge topology.
N-Channel MOSFET
Wisdom Semiconductor
Copyright@Wisdom Semiconductor Inc., All rights reserved.
Symbol
2. Drain
3. Source
1. Gate
TO-220F
1 2
3


Podobny numer części - WFF4N60

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Shenzhen Winsemi Microe...
WFF4N60 WINSEMI-WFF4N60 Datasheet
647Kb / 7P
Silicon N-Channel MOSFET
logo
Wisdom technologies Int...
WFF4N60 WISDOM-WFF4N60 Datasheet
1Mb / 6P
600V N-Channel MOSFET
logo
Shenzhen Winsemi Microe...
WFF4N60C WINSEMI-WFF4N60C Datasheet
657Kb / 7P
Silicon N-Channel MOSFET
logo
Wisdom technologies Int...
WFF4N60 WISDOM-WFF4N60_10 Datasheet
1Mb / 6P
600V N-Channel MOSFET
More results

Podobny opis - WFF4N60

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microsemi Corporation
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
N-Channel MOSFET
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
P-CHANNEL MOSFET N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com