| Zakładka z wyszukiwarką danych komponentów |
|
WFF830 Arkusz danych(PDF) 1 Page - Wisdom technologies Int`l |
|
|
|||||||||||||||||||||||||||||
WFF830 Arkusz danych(HTML) 1 Page - Wisdom technologies Int`l |
|
1 / 7 page ![]() ● ● ● ▲ ◀ ● ● ● ▲ ◀ Absolute Maximum Ratings (* Drain current limited by junction temperature) Symbol Parameter Value Units VDSS Drain to Source Voltage 500 V ID Continuous Drain Current(@TC = 25°C) 5.0* A Continuous Drain Current(@TC = 100°C) 3.0* A IDM Drain Current Pulsed (Note 1) 20* A VGS Gate to Source Voltage ±30 V EAS Single Pulsed Avalanche Energy (Note 2) 292 mJ EAR Repetitive Avalanche Energy (Note 1) 8.75 mJ dv/dt Peak Diode Recovery dv/dt (Note 3) 5.5 V/ns PD Total Power Dissipation(@TC = 25 °C) 38 W Derating Factor above 25 °C 0.3 W/°C TSTG, TJ Operating Junction Temperature & Storage Temperature - 55 ~ 150 °C TL Maximum Lead Temperature for soldering purpose, 1/8 from Case for 5 seconds. 300 °C Thermal Characteristics Symbol Parameter Value Units Min. Typ. Max. RθJC Thermal Resistance, Junction-to-Case - - 3.31 °C/W RθJA Thermal Resistance, Junction-to-Ambient - - 62.5 °C/W WFF830 Features ■ RDS(on) (Max 1.4 Ω )@VGS=10V ■ Gate Charge (Typical 25nC) ■ Improved dv/dt Capability, High Ruggedness ■ 100% Avalanche Tested ■ Maximum Junction Temperature Range (150°C) General Description This Power MOSFET is produced using Wisdom’s advanced planar stripe, DMOS technology. This latest technology has been especially designed to minimize on-state resistance, have a high rugged avalanche characteristics. These devices are well suited for high efficiency switching DC/DC converters, switch mode power supply, DC-AC converters for uninterruped power supply, motor control. N-Channel MOSFET Wisdom Semiconductor Symbol 2. Drain 3. Source 1. Gate TO-220F 1 2 3 |
Podobny numer części - WFF830 |
|
Podobny opis - WFF830 |