Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

WFP7N60 Arkusz danych(PDF) 5 Page - Wisdom technologies Int`l

Numer części WFP7N60
Szczegółowy opis  N-Channel MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WISDOM [Wisdom technologies Int`l]
Strona internetowa  http://www.wisdom-technologies.com/index.aspx
Logo WISDOM - Wisdom technologies Int`l

WFP7N60 Arkusz danych(HTML) 5 Page - Wisdom technologies Int`l

  WFP7N60 Datasheet HTML 1Page - Wisdom technologies Int`l WFP7N60 Datasheet HTML 2Page - Wisdom technologies Int`l WFP7N60 Datasheet HTML 3Page - Wisdom technologies Int`l WFP7N60 Datasheet HTML 4Page - Wisdom technologies Int`l WFP7N60 Datasheet HTML 5Page - Wisdom technologies Int`l WFP7N60 Datasheet HTML 6Page - Wisdom technologies Int`l WFP7N60 Datasheet HTML 7Page - Wisdom technologies Int`l  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
C
harge
V
G
S
10V
Q
g
Q
gs
Q
gd
3m
A
V
G
S
D
U
T
V
D
S
300nF
50K
Ω
200nF
12V
S
am
eType
asD
U
T
C
harge
V
G
S
10V
Q
g
Q
gs
Q
gd
3m
A
V
G
S
D
U
T
V
D
S
300nF
50K
Ω
200nF
12V
S
am
eType
asD
U
T
V
G
S
V
D
S
1
0
%
9
0
%
t
d
(o
n
)
t
r
t
o
n
t
o
ff
t
d
(o
ff)
t
f
V
D
D
1
0
V
V
D
S
R
L
D
U
T
R
G
V
G
S
V
G
S
V
D
S
1
0
%
9
0
%
t
d
(o
n
)
t
r
t
o
n
t
o
ff
t
d
(o
ff)
t
f
V
D
D
1
0
V
V
D
S
R
L
D
U
T
R
G
V
G
S
E
A
S
=L
IAS2
----
2
1
--------------------
B
V
D
S
S-V
D
D
B
V
D
S
S
V
D
D
V
D
S
B
V
D
S
S
t
p
V
D
D
IAS
V
D
S
(t)
ID(t)
T
im
e
1
0
V
D
U
T
R
G
L
ID
t
p
E
A
S
=L
IAS2
----
2
1
E
A
S
=L
IAS2
----
2
1
----
2
1
--------------------
B
V
D
S
S-V
D
D
B
V
D
S
S
V
D
D
V
D
S
B
V
D
S
S
t
p
V
D
D
IAS
V
D
S
(t)
ID(t)
T
im
e
1
0
V
D
U
T
R
G
L
L
ID
ID
t
p
Gate Charge Test Circuit & Waveform
Resistive Switching Test Circuit & Waveforms
Unclamped Inductive Switching Test Circuit & Waveforms



Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com