| Zakładka z wyszukiwarką danych komponentów |
|
LT8686SJVPBF Arkusz danych(PDF) 9 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
LT8686SJVPBF Arkusz danych(HTML) 9 Page - Analog Devices |
|
9 / 26 page ![]() LT8686S 9 Rev. 0 For more information www.analog.com TYPICAL PERFORMANCE CHARACTERISTICS Radiated EMI Performance Vertical Polarization (CISPR25 Radiated Emission Test with Class 5 Peak Limits) Radiated EMI Performance Horizontal Polarization (CISPR25 Radiated Emission Test with Class 5 Peak Limits) DC3126A DEMO BOARD (WITH EMI FILTER INSTALLED) CLASS 5 PEAK LIMIT SPREAD SPECTRUM MODE FIXED FREQUENCY MODE FREQUENCY (MHz) 0 100 200 300 400 500 600 700 800 900 1000 –10 –5 0 5 10 15 20 25 30 35 40 45 50 8686S G34 VEMI = 14V, VOUT1 = 5V, VOUT2 = 3.3V, VOUT3 = 1.8V, VOUT4 = 1.2V IOUT1 = 2A – IVIN3 – IVIN4 – IBIAS, IOUT2 = IOUT3 = IOUT4 = 2A, fSW = 2MHz DC3126A DEMO BOARD (WITH EMI FILTER INSTALLED) VEMI = 14V, VOUT1 = 5V, VOUT2 = 3.3V, VOUT3 = 1.8V, VOUT4 = 1.2V CLASS 5 PEAK LIMIT SPREAD SPECTRUM MODE FIXED FREQUENCY MODE FREQUENCY (MHz) 0 100 200 300 400 500 600 700 800 900 1000 –10 –5 0 5 10 15 20 25 30 35 40 45 50 8686S G35 IOUT1 = 2A – IVIN3 – IVIN4 – IBIAS, IOUT2 = IOUT3 = IOUT4 = 2A, fSW = 2MHz TA = 25°C, VIN1 = VIN2 = 12V, VIN3 = VIN4 = 3.3V, fSW = 2MHz, unless otherwise noted. |