Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TCB3 Arkusz danych(PDF) 1 Page - Stackpole Electronics, Inc.

Numer części TCB3
Szczegółowy opis  Ceramic Housed Current Sensing Resistor with 4 Leads
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SEI [Stackpole Electronics, Inc.]
Strona internetowa  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

TCB3 Arkusz danych(HTML) 1 Page - Stackpole Electronics, Inc.

  TCB3 Datasheet HTML 1Page - Stackpole Electronics, Inc. TCB3 Datasheet HTML 2Page - Stackpole Electronics, Inc. TCB3 Datasheet HTML 3Page - Stackpole Electronics, Inc. TCB3 Datasheet HTML 4Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev Date: 11/30/2020
1
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
TCB Series
Ceramic Housed Current Sensing Resistor with 4 Leads
Stackpole Electronics, Inc.
Resistive Product Solutions
Features:
•
Four terminal construction
•
Low inductance
•
Low temperature coefficient
•
Fireproof construction
•
All welded termination
•
Low resistance value ceramic encased resistor
•
100% RoHS compliant and lead free without exemption
•
Halogen free
•
REACH compliant
•
See CB data sheet for performance and environmental specifications
Electrical Specifications
Mechanical Specifications
0.875 ± 0.031
0.312 ± 0.031
0.312 ± 0.031
0.563 ± 0.062
inches
22.23 ± 0.79
7.92 ± 0.79
7.92 ± 0.79
14.30 ± 1.57
mm
0.875 ± 0.031
0.375 ± 0.031
0.375 ± 0.031
0.563 ± 0.062
inches
22.23 ± 0.79
9.53 ± 0.79
9.53 ± 0.79
14.30 ± 1.57
mm
1.400 ± 0.031
0.375 ± 0.310
0.375 ± 0.031
1.000 ± 0.062
inches
35.56 ± 0.79
9.53 ± 7.87
9.53 ± 0.79
25.40 ± 1.57
mm
1.875 ± 0.031
0.375 ± 0.031
0.375 ± 0.031
1.375 ± 0.062
inches
47.63 ± 0.79
9.53 ± 0.79
9.53 ± 0.79
34.93 ± 1.57
mm
1.875 ± 0.031
0.500 ± 0.031
0.500 ± 0.031
1.375 ± 0.062
inches
47.63 ± 0.79
12.70 ± 0.79
12.70 ± 0.79
34.93 ± 1.57
mm
TCB10
TCB15
Type / Code
Unit
TCB3
TCB5
TCB7
A
Body Length (max)
B
C
Sensing Lead
Body Width
Body Height (Bulk)
Spacing
Performance Characteristics
Test Results
± 5%
± 2%
± 5%
± 2%
± 2%
± 2%
Test
Moisture Resistance
Operating temperature range is -55
C to +275C
Dielectric Withstanding Voltage
Resistance to Soldering Heat
Short Time Overload - 5xPn for 5 seconds
Thermal Shock
Load Life @ 70
C - 1000 hours
Type / Code
0.25%, 0.5%
1%
5%
TCB3
3
TCB5
5
TCB7
7
0.02 - 0.15
0.01 - 0.15
0.01 - 0.15
TCB10
10
0.02 - 0.2
TCB15
15
0.02 - 0.1
Max Voltage Rating =
Power Rating (W)
@ 70ºC
TCR (ppm/ºC)
Ohmic Range (
Ω) and Tolerance
± 40
0.02 - 0.1
0.005 - 0.1
0.01 - 0.2
√ P*R


Podobny numer części - TCB3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVX Corporation
TCB AVX-TCB Datasheet
535Kb / 4P
COTS-Plus Polymer Capacitor
logo
Toshiba Semiconductor
TCB001FNG TOSHIBA-TCB001FNG Datasheet
787Kb / 27P
CDMOS Linear Integrated Circuit Silicon Monolithic
TCB001HQ TOSHIBA-TCB001HQ Datasheet
1Mb / 25P
Maximum Power 45W BTL x 4-ch Audio Power IC
TCB010FNG TOSHIBA-TCB010FNG Datasheet
671Kb / 26P
CMOS Linear Integrated Circuit Silicon Monolithic
logo
Advantech Co., Ltd.
TCB156PGU0ZEH8410 ADVANTECH-TCB156PGU0ZEH8410 Datasheet
544Kb / 3P
15.6 WXGA/Full HD Industrial Display kit with PCT Touch Solution
10-Mar-2022
More results

Podobny opis - TCB3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KOA Speer Electronics, ...
UR73D1ET KOA-UR73D1ET Datasheet
131Kb / 4P
Current Sensing Chip Resistor
logo
MERITEK ELECTRONICS COR...
CSR MERITEK-CSR Datasheet
389Kb / 7P
Current Sensing Chip Resistor
logo
Riedon Powertron
CLSA0402 RIEDON-CLSA0402 Datasheet
172Kb / 2P
Current Sensing Chip Resistor
logo
STMicroelectronics
STBCFG01 STMICROELECTRONICS-STBCFG01 Datasheet
1Mb / 37P
Integrated current sensing resistor
April 2016 Rev 3
logo
Stackpole Electronics, ...
CSRF SEI-CSRF Datasheet
452Kb / 11P
Foil on Ceramic Current Sensing Chip Resistor
6/28/2022
LCB SEI-LCB Datasheet
277Kb / 3P
Ceramic Housed Current Sensing Resistor with 2 Leads
11/30/2020
LVM SEI-LVM Datasheet
250Kb / 4P
Ceramic Housed Vertical Mount Resistor
11/30/2020
MCB SEI-MCB Datasheet
329Kb / 4P
Ceramic Housed with Axial Leads Power Resistor
4/13/2021
MVM SEI-MVM Datasheet
255Kb / 4P
Ceramic Housed Vertical Mount Resistor
3/16/2021
NSZ SEI-NSZ Datasheet
319Kb / 6P
Ceramic Housed Wirewound Resistor with Specialty Leads
02/17/2021
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com