Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

RNF2ABT10K2 Arkusz danych(PDF) 1 Page - Stackpole Electronics, Inc.

Numer części RNF2ABT10K2
Szczegółowy opis  General Purpose Metal Film Resistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SEI [Stackpole Electronics, Inc.]
Strona internetowa  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

RNF2ABT10K2 Arkusz danych(HTML) 1 Page - Stackpole Electronics, Inc.

  RNF2ABT10K2 Datasheet HTML 1Page - Stackpole Electronics, Inc. RNF2ABT10K2 Datasheet HTML 2Page - Stackpole Electronics, Inc. RNF2ABT10K2 Datasheet HTML 3Page - Stackpole Electronics, Inc. RNF2ABT10K2 Datasheet HTML 4Page - Stackpole Electronics, Inc. RNF2ABT10K2 Datasheet HTML 5Page - Stackpole Electronics, Inc. RNF2ABT10K2 Datasheet HTML 6Page - Stackpole Electronics, Inc. RNF2ABT10K2 Datasheet HTML 7Page - Stackpole Electronics, Inc. RNF2ABT10K2 Datasheet HTML 8Page - Stackpole Electronics, Inc. RNF2ABT10K2 Datasheet HTML 9Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Rev Date: 3/3/2022
1
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
RNF / RNMF Series
General Purpose Metal Film Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Features:
•
Precision metal film
•
Superior electrical, TCR performances
•
Flame-retardant coatings are standard
•
Panasert available selected sizes (contact Stackpole)
•
RNMF (mini) an ideal choice where size constraints apply
•
RNF 5% replaces MP series
•
Lower or higher resistance values may be possible (contact Stackpole)
•
100% RoHS compliant and lead free without exemption
•
Halogen free
•
REACH compliant
Electrical Specifications
Mechanical Specifications
0.130 ± 0.012
0.071 ± 0.012
1.102 ± 0.118
0.018 ± 0.003
inches
3.30 ± 0.30
1.80 ± 0.30
28.00 ± 3.00
0.45 ± 0.07
mm
0.130 ± 0.012
0.070 ± 0.003
1.102 ± 0.118
0.017 ± 0.002
inches
3.30 ± 0.30
1.78 ± 0.08
28.00 ± 3.00
0.44 ± 0.05
mm
0.250 ± 0.026
0.093 ± 0.010
1.102 ± 0.118
0.022 ± 0.003
inches
6.35 ± 0.65
2.35 ± 0.25
28.00 ± 3.00
0.56 ± 0.08
mm
0.250 ± 0.026
0.093 ± 0.010
1.102 ± 0.118
0.022 ± 0.003
inches
6.35 ± 0.65
2.35 ± 0.25
28.00 ± 3.00
0.56 ± 0.08
mm
0.344 ± 0.030
0.108 ± 0.039
1.102 ± 0.197
0.026 ± 0.004
inches
8.75 ± 0.75
2.75 ± 1.00
28.00 ± 5.00
0.65 ± 0.10
mm
Body Diameter
Lead Length (Bulk)
RNF14
RNF12
Type / Code
RNF18
A
B
C
RNMF14
RNMF12
D
Body Length
Lead Diameter
Unit
0.05%
0.1%
0.25%
0.5%
1%
2%
5%
± 25
30.1 - 499K 49.9 - 499K
± 50
1 - 1M
± 100
51.1 - 100K
1 - 10M
± 25
30.1 - 499K 30.1 - 499K
± 50
1 - 1M
± 100
1 - 2.15M
± 10
100 - 100K
± 25
10 - 1M
± 50
1 - 5.11M
1.1M - 10M
± 100
1 - 10M
5.6 - 10M
1 - 10M
± 25
± 50
1 - 1M
± 100
1 - 10M
± 25
± 50
1 - 4.99M
± 100
1 - 10M
± 25
-
± 50
10 - 470K
10 - 470K
± 100
1 - 1M
1 - 1M
± 25
-
± 50
± 100
10 - 1M
(1) Lesser of
or maximum working voltage
30.1 - 1M
RNF14
RN 55
RNMF14
-
0.25
RNMF12
RL 07
0.5
350
600
-
-
-
10 - 1M
100 - 100K
100 - 100K
100 - 100K
10 - 1M
100 - 100K
49.9 - 499K
10 - 1M
-
1 - 10M
-
30.1 - 294K
1 - 2.2M
800
350
700
Maximum
Working
Voltage
(Vrms)
(1)
700
350
500
250
350
200
400
Type / Code Mil Ref
Power
Rating
(W)
@ 70ºC
TCR
(ppm/ºC)
Maximum
Overload
Voltage
(Vrms)
RNF2
-
2
RNF12
RN 60
RNF1
RN 65
-
-
1 - 2.2M
-
100 - 100K
-
10 - 1M
Ohmic Range (Ω) and Tolerance
-
-
10 - 1M
0.25
0.5
1
49.9 - 1M
-
10 - 1M
1 - 10M
-
-
1 - 22M
100 - 100K
-
RNF18
RN 50
0.125
200
400
√ P*R


Podobny numer części - RNF2ABT10K2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
RNF2 ETC1-RNF2 Datasheet
140Kb / 3P
General Purpose Metal Film Resistor
RNF2 ETC2-RNF2 Datasheet
117Kb / 3P
General Purpose Metal Film Resistor
RNF2 ETC2-RNF2 Datasheet
140Kb / 3P
General Purpose Metal Film Resistor
More results

Podobny opis - RNF2ABT10K2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Willow Technologies Ltd
MF-12 WILLOW-MF-12 Datasheet
118Kb / 2P
GENERAL PURPOSE METAL FILM RESISTORS
logo
KOA Speer Electronics, ...
MF1ECT521 KOA-MF1ECT521 Datasheet
102Kb / 2P
general purpose metal film leaded resistor
MF14LCT52RR20J KOA-MF14LCT52RR20J Datasheet
271Kb / 2P
general purpose metal film leaded resistor
logo
List of Unclassifed Man...
SEI-RNF_RNMF ETC1-SEI-RNF_RNMF Datasheet
140Kb / 3P
General Purpose Metal Film Resistor
RNF14FTD178K ETC2-RNF14FTD178K Datasheet
129Kb / 3P
General Purpose Metal Film Resistor
RNF18FTD10K0 ETC2-RNF18FTD10K0 Datasheet
140Kb / 3P
General Purpose Metal Film Resistor
RNF14FAD2K26 ETC2-RNF14FAD2K26 Datasheet
117Kb / 3P
General Purpose Metal Film Resistor
RNF18FTC1K00 ETC2-RNF18FTC1K00 Datasheet
140Kb / 3P
General Purpose Metal Film Resistor
RSMF2JB10R0 ETC2-RSMF2JB10R0 Datasheet
205Kb / 4P
General Purpose Metal Oxide Resistor
logo
Stackpole Electronics, ...
RSF SEI-RSF Datasheet
597Kb / 9P
General Purpose Metal Oxide Resistor
3/3/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com