Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

RNF2ABT4K75 Arkusz danych(PDF) 2 Page - Stackpole Electronics, Inc.

Numer części RNF2ABT4K75
Szczegółowy opis  General Purpose Metal Film Resistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SEI [Stackpole Electronics, Inc.]
Strona internetowa  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

RNF2ABT4K75 Arkusz danych(HTML) 2 Page - Stackpole Electronics, Inc.

  RNF2ABT4K75 Datasheet HTML 1Page - Stackpole Electronics, Inc. RNF2ABT4K75 Datasheet HTML 2Page - Stackpole Electronics, Inc. RNF2ABT4K75 Datasheet HTML 3Page - Stackpole Electronics, Inc. RNF2ABT4K75 Datasheet HTML 4Page - Stackpole Electronics, Inc. RNF2ABT4K75 Datasheet HTML 5Page - Stackpole Electronics, Inc. RNF2ABT4K75 Datasheet HTML 6Page - Stackpole Electronics, Inc. RNF2ABT4K75 Datasheet HTML 7Page - Stackpole Electronics, Inc. RNF2ABT4K75 Datasheet HTML 8Page - Stackpole Electronics, Inc. RNF2ABT4K75 Datasheet HTML 9Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Rev Date: 3/3/2022
2
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
RNF / RNMF Series
General Purpose Metal Film Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Power Derating Curve:
Surface Temperature Rise:
Mechanical Specifications (cont.)
0.453 ± 0.039
0.177 ± 0.020
1.378 ± 0.079
0.031 ± 0.001
inches
11.50 ± 1.00
4.50 ± 0.50
35.00 ± 2.00
0.78 ± 0.03
mm
0.433 ± 0.039
0.177 ± 0.020
1.181 ± 0.118
0.030 ± 0.002
inches
11.00 ± 1.00
4.50 ± 0.50
30.00 ± 3.00
0.75 ± 0.05
mm
0.591 ± 0.039
0.197 ± 0.020
1.339 ± 0.157
0.028 ± 0.004
inches
15.00 ± 1.00
5.00 ± 0.50
34.00 ± 4.00
0.70 ± 0.10
mm
RNF2
Type / Code
A
B
C
RNF1 (≥ 10Ω)
RNF1 (< 10Ω)
D
Unit
Body Length
Body Diameter
Lead Length (Bulk)
Lead Diameter
Performance Characteristics
Test
Test Method
Typical Results
Test Limits
Insulation Resistance
JIS C5201-1, IEC60115-1, 4.6
≥ 1000M Ω
≥ 1000M Ω
RNF16 / RNMF14: 300
RNF14 / RNMF12: 500
RNF12 / RNF1: 700
Short Time Overload
JIS C5201-1, IEC60115-1, 4.13
<
± 0.1%
≤ ± (0.25% + 0.05Ω)
Resistance to Solder Heat
JIS C5201-1, IEC60115-1, 4.18
<
± 0.1%
≤ ± (0.3% + 0.05Ω)
Rapid Change of Temperature
JIS C5201-1, IEC60115-1, 4.19
< ± 0.05%
≤ ± (0.35% + 0.05Ω)
Endurance at 70
°C
JIS C5201-1, IEC60115-1, 4.25.1
< ± 0.15%
≤± (1.0% + 0.05Ω)
Robustness of Terminations
JIS C5201-1, IEC60115-1, 4.16
< ± 0.10%
≤ ± (0.2% + 0.05Ω)
Damp Heat (Steady state)
JIS C5201-1, IEC60115-1, 4.24
< ± 0.10%
≤ ± (1.5% + 0.05Ω)
Operating temperature range is -55ºC to +155ºC
Voltage Proof / DWV
≤ ± (0.5% + 0.05Ω)
No mechanical damage



Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com