| Zakładka z wyszukiwarką danych komponentów |
|
WM8714ED/R Arkusz danych(PDF) 1 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8714ED/R Arkusz danych(HTML) 1 Page - Wolfson Microelectronics plc |
|
1 / 17 page ![]() w WM8714 24-bit, 96kHz Stereo DAC WOLFSON MICROELECTRONICS plc w : www.wolfsonmicro.com Production Data, November 2004, Rev 4.0 Copyright 2004 Wolfson Microelectronics plc. DESCRIPTION The WM8714 is a high performance stereo DAC designed for audio applications such as DVD, home theatre systems, and digital TV. The WM8714 supports data input word lengths from 16 to 24-bits and sampling rates up to 96kHz. The WM8714 consists of a serial interface port, digital interpolation filters, multi-bit sigma delta modulators and stereo DAC in a 14-pin SOIC package. The WM8714 has a hardware control interface for selection of audio data interface format, mute and de-emphasis. The WM8714 supports I 2S, and right Justified audio data interfaces. The WM8714 is an ideal device to interface to AC-3 , DTS , and MPEG audio decoders for surround sound applications, or for use in DVD players. FEATURES • Stereo DAC • Audio Performance - 95dB SNR (‘A’ weighted @ 48kHz) DAC - -90dB THD • DAC Sampling Frequency: 8kHz – 96kHz • Pin Selectable Audio Data Interface Format - I 2S, Right Justified or DSP • 3 - 5V Supply Operation • 14-pin SOIC Package • Pin Compatible with WM8725 APPLICATIONS • DVD Players • Digital TV • Digital Set Top Boxes BLOCK DIAGRAM SERIAL INTERFACE MUTE CONTROL INTERFACE VOUTL VOUTR SIGMA DELTA MODULATOR LRCIN DIN MUTE SIGMA DELTA MODULATOR DIGITAL FILTERS MCLK DEEMPH MUTE FORMAT LOW PASS FILTER LOW PASS FILTER CAP RIGHT DAC LEFT DAC GND VDD BCKIN W WM8714 |
Podobny numer części - WM8714ED/R |
|
Podobny opis - WM8714ED/R |