Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PRNF2ABD1M00 Arkusz danych(PDF) 6 Page - Stackpole Electronics, Inc.

Numer części PRNF2ABD1M00
Szczegółowy opis  General Purpose Metal Film Resistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SEI [Stackpole Electronics, Inc.]
Strona internetowa  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

PRNF2ABD1M00 Arkusz danych(HTML) 6 Page - Stackpole Electronics, Inc.

  PRNF2ABD1M00 Datasheet HTML 1Page - Stackpole Electronics, Inc. PRNF2ABD1M00 Datasheet HTML 2Page - Stackpole Electronics, Inc. PRNF2ABD1M00 Datasheet HTML 3Page - Stackpole Electronics, Inc. PRNF2ABD1M00 Datasheet HTML 4Page - Stackpole Electronics, Inc. PRNF2ABD1M00 Datasheet HTML 5Page - Stackpole Electronics, Inc. PRNF2ABD1M00 Datasheet HTML 6Page - Stackpole Electronics, Inc. PRNF2ABD1M00 Datasheet HTML 7Page - Stackpole Electronics, Inc. PRNF2ABD1M00 Datasheet HTML 8Page - Stackpole Electronics, Inc. PRNF2ABD1M00 Datasheet HTML 9Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Rev Date: 3/3/2022
6
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
RNF / RNMF Series
General Purpose Metal Film Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Reel Packaging Specifications
(1)
(2)
The given dimension "D" expresses the standard width spacing. A 26 mm narrow spacing is available as option "N" packaging code.
Dimension "E": This is a non-critical dimension that does not have a tolerance in the standard.
Range of diameters is from 0.547 inches (13.90 mm) to 1.500 inches (38.10 mm).
Reference value only. The "A" dimension shall be governed by the overall length of the taped component.
The distance between flanges shall be 0.059 inches (1.50 mm) to 0.315 (8.00 mm) greater than the overall component.
Series
Tape
Unit
2.756 ± 0.118
11.811 ± 0.197
0.197 ± 0.020
2.047 ± 0.020
0.250
inches
70.00 ± 3.00
300.00 ± 5.00
5.00 ± 0.50
52.00 ± 0.50
6.35
mm
2.756 ± 0.118
11.811 ± 0.197
0.197 ± 0.020
2.047 ± 0.020
0.250
inches
70.00 ± 3.00
300.00 ± 5.00
5.00 ± 0.50
52.00 ± 0.50
6.35
mm
2.756 ± 0.118
11.811 ± 0.197
0.197 ± 0.020
2.047 ± 0.020
0.250
inches
70.00 ± 3.00
300.00 ± 5.00
5.00 ± 0.50
52.00 ± 0.50
6.35
mm
2.756 ± 0.118
11.811 ± 0.197
0.197 ± 0.020
2.047 ± 0.020
0.250
inches
70.00 ± 3.00
300.00 ± 5.00
5.00 ± 0.50
52.00 ± 0.50
6.35
mm
2.756 ± 0.118
11.811 ± 0.197
0.197 ± 0.020
2.047 ± 0.020
0.250
inches
70.00 ± 3.00
300.00 ± 5.00
5.00 ± 0.50
52.00 ± 0.50
6.35
mm
2.756 ± 0.118
11.811 ± 0.197
0.197 ± 0.020
2.047 ± 0.020
0.250
inches
70.00 ± 3.00
300.00 ± 5.00
5.00 ± 0.50
52.00 ± 0.50
6.35
mm
2.756 ± 0.118
11.811 ± 0.197
0.197 ± 0.020
2.047 ± 0.020
0.250
inches
70.00 ± 3.00
300.00 ± 5.00
5.00 ± 0.50
52.00 ± 0.50
6.35
mm
RNMF12
RNF1
RNF2
RNMF14
A max
. (1)
RNF12
B max
C
D
(2)
RNF18
RNF14
Ammo Packaging Specifications
Type/Code
Size
Unit
2.756 ± 0.118
inches
70.00 ± 3.00
mm
3.937 ± 0.118
inches
100.00 ± 3.00
mm
2.953 ± 0.079
2.756 ± 0.118
10.039 ± 0.197
inches
75.00 ± 2.00
70.00 ± 3.00
255.00 ± 5.00
mm
2.953 ± 0.118
inches
75.00 ± 3.00
mm
2.756 ± 0.118
inches
70.00 ± 3.00
mm
3.937 ± 0.118
inches
100.00 ± 3.00
mm
RNMF
12
RNF
12
RNF
1
RNMF
14
A
B
C
RNF
16
RNF
14



Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com