| Zakładka z wyszukiwarką danych komponentów |
|
TC387 Arkusz danych(PDF) 35 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TC387 Arkusz danych(HTML) 35 Page - Infineon Technologies AG |
|
35 / 416 page ![]() TC38x AD/AE-Step Pin Definition and Functions BGA516 Package Variant Pin Configuration Data Sheet 35 V 1.2, 2021-03 Table 2-3 Port 02 Functions Ball Symbol Ctrl. Buffer Type Function G6 P02.0 I FAST / PU1 / VEXT / ES General-purpose input GTM_TIM1_IN0_2 Mux input channel 0 of TIM module 1 GTM_TIM0_IN0_2 Mux input channel 0 of TIM module 0 CCU61_CC60INB T12 capture input 60 ASCLIN2_ARXG Receive input CCU60_CC60INA T12 capture input 60 SCU_E_REQ3_2 ERU Channel 3 inputs 0 to 5 (0 is the LSB and 5 is the MSB) GTM_DTMA0_0 CDTM0_DTM4 P02.0 O0 General-purpose output GTM_TOUT0 O1 GTM muxed output IOM_REF0_0 Reference input 0 ASCLIN2_ATX O2 Transmit output IOM_MON2_14 Monitor input 2 IOM_REF2_14 Reference input 2 QSPI3_SLSO1 O3 Master slave select output EDSADC_CGPWMN O4 Negative carrier generator output CAN00_TXD O5 CAN transmit output node 0 IOM_MON2_5 Monitor input 2 IOM_REF2_5 Reference input 2 ERAY0_TXDA O6 Transmit Channel A CCU60_CC60 O7 T12 PWM channel 60 IOM_MON1_2 Monitor input 1 IOM_REF1_6 Reference input 1 OPEN MARKET VERSION |